전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

271908B 데이터시트(PDF) 3 Page - Integrated Technology Future

부품명 271908B
상세설명  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITF [Integrated Technology Future]
홈페이지  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

271908B 데이터시트(HTML) 3 Page - Integrated Technology Future

  271908B Datasheet HTML 1Page - Integrated Technology Future 271908B Datasheet HTML 2Page - Integrated Technology Future 271908B Datasheet HTML 3Page - Integrated Technology Future 271908B Datasheet HTML 4Page - Integrated Technology Future 271908B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW Bandpass Filter 271908B
Part No.
271908B
Rev. Date
2007-02-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM7001-CS01
3/5
Output
50Ω
L2
Input
50Ω
L1
L3
4. Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
L1 = 82nH, L2 = 330nH, L3 = 82H
5. Marking Configuration
ITF
1) 07A0012)
271908B
3)
1) Manufacturer name
2) Lot Number
3) Part Number



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com