전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

271908B 데이터시트(PDF) 5 Page - Integrated Technology Future

부품명 271908B
상세설명  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITF [Integrated Technology Future]
홈페이지  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

271908B 데이터시트(HTML) 5 Page - Integrated Technology Future

  271908B Datasheet HTML 1Page - Integrated Technology Future 271908B Datasheet HTML 2Page - Integrated Technology Future 271908B Datasheet HTML 3Page - Integrated Technology Future 271908B Datasheet HTML 4Page - Integrated Technology Future 271908B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 271908B
Part No.
271908B
Rev. Date
2007-02-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM7001-CS01
5/5
CH1
S21
LOG
1 dB/
REF -24.17 dB
Cor
CH2
S21
DEL
100 ns/
REF 3.329 us
CENTER
70. 000 000 MHz
SPAN
23. 000 000 MHz
Cor
Smo
22 Feb 2007 12:01:08
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 163503
MHz
cent :
70. 009403
MHz
Q: 3. 6533
1_loss : -24 . 353 dB
2
3
3: -9 . 3460 ns
18. 440 000 MHz
REF=2
CH2 Markers
mean : 3. 3482 us
s. dev : 8. 8405 ns
p-p : 45. 909 ns
CH1
S21
LOG
10 dB/
REF -23.67 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
22 Feb 2007 12:02:23
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -63 . 794 dB
70. 0000 MHz
3: -64 . 039 dB
140 . 000 MHz
CH1
S11
SWR
10 /
REF 5.952
Cor
CH2
S22
SWR
10 /
REF 7.117
CENTER
70. 000 000 MHz
SPAN
50. 000 000 MHz
Cor
22 Feb 2007 12:01:52
1
1: 5. 9514
70. 000 000 MHz
2
2: 7. 0923
70. 000 000 MHz
CH1
S21
LOG
1 dB/
REF -24.17 dB
CENTER
70. 000 000 MHz
SPAN
23. 000 000 MHz
Cor
CH2
S21
LOG
1 dB/
REF -24.52 dB
Cor
22 Feb 2007 12:00:51
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
18. 965590
MHz
cent :
70. 009743
MHz
Q: 3. 6914
1_loss : -24 . 355 dB
2
3
3: . 12000 dB
18. 440 000 MHz
REF=2
CH2 Markers
mean : -24 . 335 dB
s. dev : . 07180 dB
p-p : . 45530 dB



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com