전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY8C36 데이터시트(PDF) 73 Page - Cypress Semiconductor

부품명 CY8C36
상세설명  Programmable System-on-Chip (PSoC)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C36 데이터시트(HTML) 73 Page - Cypress Semiconductor

Back Button CY8C36 Datasheet HTML 69Page - Cypress Semiconductor CY8C36 Datasheet HTML 70Page - Cypress Semiconductor CY8C36 Datasheet HTML 71Page - Cypress Semiconductor CY8C36 Datasheet HTML 72Page - Cypress Semiconductor CY8C36 Datasheet HTML 73Page - Cypress Semiconductor CY8C36 Datasheet HTML 74Page - Cypress Semiconductor CY8C36 Datasheet HTML 75Page - Cypress Semiconductor CY8C36 Datasheet HTML 76Page - Cypress Semiconductor CY8C36 Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
PRELIMINARY
PSoC®3: CY8C36 Family Data Sheet
Document Number: 001-53413 Rev. *B
Page 73 of 99
11.5.7 VDAC
INL
Integral non linearity
RL 600
Ω, CL=15 pF
-
-
±
1LSB
DNL
Differential non linearity
RL 600
Ω, CL=15 pF
-
-
±
0.5
LSB
Ezs
Zero scale error
-
0
±
1LSB
Eg
Gain error
Uncompensated
-
-
2.5
%
Temperature compensated
-
-
TBD
%
IDAC_ICC
DAC current low speed mode[10]
Code = 0
-
-
100
µA
IDAC_ICC
DAC current high speed mode[10]
Code = 0
-
-
500
µA
Table 11-26. IDAC (Current Digital-to-Analog Converter) AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Fdac
Update rate
-
-
8
Msps
Tsettle
Settling time to 0.5LSB
Full scale transition, 600
Ω load,
CL = 15 pF
Fast mode
Independent of IDAC range setting
(Iout)
-
-
100
ns
Slow mode
Independent of IDAC range setting
(Iout)
-
-
1000
ns
Table 11-25. IDAC (Current Digital-to-Analog Converter) DC Specifications
(continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Table 11-27. VDAC (Voltage Digital-to-Analog Converter) DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rout
Output resistance[10]
High
Vout = 4V
-
16
-
k
Ω
Low
Vout = 1V
-
4
-
k
Ω
Vout
Output voltage range[10]
High
Code = 255, Vdda > 5V
-
4
-
V
Low
Code = 255
-
1
-
V
INL
Integral non linearity
CL=15 pF
-
-
±
1.6
LSB
DNL
Differential non linearity
CL=15 pF
-
-
±
1LSB
Ezs
Zero scale error
-
-
±
1LSB
Eg
Gain error
Uncompensated
-
-
3
%
Temperature compensated
-
-
TBD
%
VDAC_ICC
DAC current low speed mode[10]
Code = 0
-
-
100
µA
VDAC_ICC
DAC current high speed mode[10]
Code = 0
-
-
500
µA
Table 11-28. VDAC (Voltage Digital-to-Analog Converter) AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Fdac
Update rate[10]
1V mode
-
-
1
Msps
Update rate[10]
4V mode
-
-
250
Ksps
Tsettle
Settling time to 0.5LSB[10]
Full scale transition, CL = 15 pF
High[10]
Vout = 4V
-
-
4000
ns
Low[10]
Vout = 1V
-
-
1000
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com