전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY8C36 데이터시트(PDF) 21 Page - Cypress Semiconductor

부품명 CY8C36
상세설명  Programmable System-on-Chip (PSoC)
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C36 데이터시트(HTML) 21 Page - Cypress Semiconductor

Back Button CY8C36 Datasheet HTML 17Page - Cypress Semiconductor CY8C36 Datasheet HTML 18Page - Cypress Semiconductor CY8C36 Datasheet HTML 19Page - Cypress Semiconductor CY8C36 Datasheet HTML 20Page - Cypress Semiconductor CY8C36 Datasheet HTML 21Page - Cypress Semiconductor CY8C36 Datasheet HTML 22Page - Cypress Semiconductor CY8C36 Datasheet HTML 23Page - Cypress Semiconductor CY8C36 Datasheet HTML 24Page - Cypress Semiconductor CY8C36 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
PRELIMINARY
PSoC®3: CY8C36 Family Data Sheet
Document Number: 001-53413 Rev. *B
Page 21 of 99
Clock Divider SFR
The CPU clock divider allows the CPU to run at speeds that are
divisors of the BUS clock speed. Users can specify CPU clock
speed by configuring the CPUCLK_DIV register in the user SFR
space at address 0xA1:. Using this register, the CPU clock can
be dynamically slowed down or speeded up, which allows finer
control of power usage.
5.6.3.1
xdata Space
The 8051 xdata space is 24-bit, or 16 MB in size. The majority of
this space is not “external”—it is used by on-chip components.
See Table 5-4. External, that is, off-chip, memory can be
accessed using the EMIF. See External Memory Interface.
Table 5-3. Clock Divider Settings
CPUCLK_DIV
CPU Clock Frequency
0x00
clk_cpu = clk_bus
0x01
clk_cpu = clk_bus/2
0x02
clk_cpu = clk_bus/3
0x03
clk_cpu = clk_bus/4
0x04
clk_cpu = clk_bus/5
0x05
clk_cpu = clk_bus/6
0x06
clk_cpu = clk_bus/7
0x07
clk_cpu = clk_bus/8
0x08
clk_cpu = clk_bus/9
0x09
clk_cpu = clk_bus/10
0x0A
clk_cpu = clk_bus/11
0x0B
clk_cpu = clk_bus/12
0x0C
clk_cpu = clk_bus/13
0x0D
clk_cpu = clk_bus/14
0x0E
clk_cpu = clk_bus/15
0x0F
clk_cpu = clk_bus/16
Table 5-4. XDATA Data Address Map
Address Range
Purpose
0x00 0000 - 0x00 1FFF SRAM
0x00 4000 - 0x00 42FF Clocking, PLLs, and oscillators
0x00 4300 - 0x00 43FF Power management
0x00 4400 - 0x00 44FF Interrupt controller
0x00 4500 - 0x00 45FF Ports interrupt control
0x00 4700 - 0x00 47FF System performance controller
0x00 4900 - 0x00 49FF I2C controller
0x00 4E00 - 0x00 4EFF Decimator
0x00 4F00 - 0x00 4FFF Fixed timer/counter/PWMs
0x00 5000 - 0x00 51FF General purpose I/Os
0x00 5300 - 0x00 530F Output port select register
0x00 5400 - 0x00 54FF External Memory Interface control
registers
0x00 5800 - 0x00 5FFF Analog Subsystem interface
0x00 6000 - 0x00 60FF USB controller
0x00 6400 - 0x00 6FFF UDB configuration
0x00 7000 - 0x00 7FFF PHUB configuration
0x00 8000 - 0x00 8FFF EEPROM
0x00 A000 - 0x00 A400 CAN
0x00 C000 - 0x00 C800 Digital Filter Block
0x01 0000 - 0x01 FFFF Digital Interconnect configuration
0x03 0000 - 0x03 01FF Reserved
0x05 0220 - 0x05 02F0 Debug controller
0x08 0000 - 0x08 1FFF Flash ECC bytes
0x80 0000 - 0xFF FFFF External Memory Interface
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com