전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT6350CDDPBF 데이터시트(PDF) 19 Page - Linear Technology

부품명 LT6350CDDPBF
상세설명  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT6350CDDPBF 데이터시트(HTML) 19 Page - Linear Technology

Back Button LT6350CDDPBF Datasheet HTML 15Page - Linear Technology LT6350CDDPBF Datasheet HTML 16Page - Linear Technology LT6350CDDPBF Datasheet HTML 17Page - Linear Technology LT6350CDDPBF Datasheet HTML 18Page - Linear Technology LT6350CDDPBF Datasheet HTML 19Page - Linear Technology LT6350CDDPBF Datasheet HTML 20Page - Linear Technology LT6350CDDPBF Datasheet HTML 21Page - Linear Technology LT6350CDDPBF Datasheet HTML 22Page - Linear Technology LT6350CDDPBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT6350
19
6350f
APPLICATIONS INFORMATION
Because the input bias current into op amp 2 is much larger
than the offset current, choosing R+IN2 to be RINT/2 greatly
reduces the offset contribution of op amp 2’s input currents
on all units. With R+IN2 = RINT/2, VOSCM reduces to:
VOSCM = VOS2 – (IOS2/2) • RINT
VOSCM is trimmed to within ±125μV with a 499Ω resistor
installed at +IN2.
The value of VOS1 is trimmed to bring VOSDIFF to ± 125μV.
Because linear modulation of VOS1 with input common
mode could degrade the common mode rejection ratio
specification of op amp 1, and nonlinear modulation of
VOS1 could cause nonlinear gain error (distortion), VOS1
is trimmed to a low constant value over as wide an input
common mode range as possible. A precision, two-point
trim algorithm is used that results in VOS1 within ±125μV
over the input range V– + 1.3V ≤ V+IN1 ≤ V+ and VOS1
within ±300μV over the input range V– ≤ V+IN1 ≤ V+. A
negative supply below –1.3V can be used to extend the
input range for which VOS1 is within ±125μV all the way
down to ground.
As a result of the trim procedure, the lowest offsets, both
common mode and differential mode, will occur with a
499Ω resistor at +IN2. This resistor can be bypassed with
a capacitor to eliminate its noise contribution. The gain-
setting resistor network (RG and RF) impedance should
be matched to that of the source to minimize op amp 1’s
input bias current contributions to the offsets.
NOISE CONSIDERATIONS
A model showing the sources of output noise in the LT6350
is shown in Figure 8. The total output noise resulting from
all contributors is governed by the equation:
The LT6350 uses very low noise op amps, resulting in a
total differential output spot noise at 10kHz of 8.2nV/√Hz
when the LT6350 is in the non-inverting gain-of-two
configuration shown in Figure 2. This is equivalent to the
voltage noise of a 1015Ω resistor at the +IN1 input. For
source resistors larger than about 1k, voltage noise due to
the source resistance will start to dominate output noise.
Source resistors larger than about 13k will interact with
the input current noise and result in output noise that is
resistor noise and amplifier current noise dominant.
–
+
+
–
RG
RS
R+IN2
RF
RINT
RINT
in1
in1
en1
enRF
enRG
enRS
eno1
eno2
–IN1
+IN1
+IN2
OP AMP 1
OP AMP 2
6350 F08
enRINT
enRINT
en2
enR+IN2
in2
in2
+
eno
–
Figure 8. Noise Model
Note that the parallel combination of gain-setting resis-
tors RF and RG behaves like the source resistance, RS,
from the point of view of noise calculations, and the value
should be kept below about 1k to avoid increasing the
output noise. Lower-value gain and feedback resistors,
eno = √(4 • [e2n1 + (in1RS)2 + e2nRS](1 + (RF /RG))2 + 4 • (in1RF)2 + 4e2nRF (1 + (RF /RG)) + 4e2n2 + 4e2nR+IN2 +
2e2nRINT + (in2RINT)2 + 4 • (in2R+IN2)2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com