전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT6350CDDPBF 데이터시트(PDF) 20 Page - Linear Technology

부품명 LT6350CDDPBF
상세설명  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT6350CDDPBF 데이터시트(HTML) 20 Page - Linear Technology

Back Button LT6350CDDPBF Datasheet HTML 16Page - Linear Technology LT6350CDDPBF Datasheet HTML 17Page - Linear Technology LT6350CDDPBF Datasheet HTML 18Page - Linear Technology LT6350CDDPBF Datasheet HTML 19Page - Linear Technology LT6350CDDPBF Datasheet HTML 20Page - Linear Technology LT6350CDDPBF Datasheet HTML 21Page - Linear Technology LT6350CDDPBF Datasheet HTML 22Page - Linear Technology LT6350CDDPBF Datasheet HTML 23Page - Linear Technology LT6350CDDPBF Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT6350
20
6350f
APPLICATIONS INFORMATION
RG and RF, will always result in lower output noise at the
expense of increased distortion due to increased loading of
op amp 1. Note that op amp 1 is loaded internally by the 1k
input resistor to op amp 2, and therefore external loading
should not be much heavier than 1k to avoid degrading
distortion performance.
When using RF equal to RS (for low offsets) in the gain-
of-two configuration, wideband noise can be substantially
reduced by bypassing across RF. For lowest output noise
always bypass at the +IN2 pin with a capacitor of at
least 0.1uF as seen in the Typical Application schematic
on the front page. Alternatively, for systems that can
tolerate output voltage offsets, omitting R+IN2 and RF will
minimize output noise at the expense of larger output
offset voltage.
Using a single pole passive RC filter network at the output
of the LT6350, as shown in Figure 6, reduces the output
noise bandwidth and thereby increases the signal to noise
ratio of the system. For example, in a typical system with
output signals of 8VP-P, and a signal bandwidth of 100kHz,
an RC output filter with RFILT = 100Ω and CDIFF = 6.8nF,
slightly increases the output spot noise from 8.2nV√Hz to
8.4nV√Hz, but will reduce the total integrated noise from
47μV (33MHz noise bandwidth) to 3.6μV (184kHz noise
bandwidth) and improve the SNR from 96dB to 118dB.
Keep in mind that long RC time constants in the output
filter can increase the settling time at the inputs of the
ADC; incomplete settling can cause gain errors or increase
apparent crosstalk in multiplexed systems.
OUTPUT PHASE BALANCE
The topology of the LT6350 is that of a noninverting stage
followed by an inverting stage. This topology presents
a high impedance single-ended input and provides low
impedance differential outputs. The output of the inverting
buffer, OUT2, is slightly delayed with respect to the output
of the noninverting buffer, OUT1. In the LT6350, the delay
from OUT1 to OUT2 over an input bandwidth from DC to
the differential f–3dB frequency is a nearly constant 6.8ns,
as shown in the group delay plot in the Typical Performance
Characteristics section of this data sheet. The delay is
equivalent to a small phase offset from the nominal 180°
phase of the differential outputs. The size of the phase
offset grows with frequency. The phase imbalance causes
a small frequency-dependent common mode component
to appear at the outputs. A practical measure of this effect
can be found in the balance specification, which is defined
to be the change in output common mode level caused by
the presence of an output differential signal:
Balance ≡ ((VOUTDIFF/VIN)/(VOUTCM/VIN))
The balance of the LT6350 at any frequency, f, can be
approximated from the delay, td, between outputs:
Balance (dB) ≅ 20 • log((4)/(2 • π • f • td))
The approximation is very good from low frequencies up
to frequencies where the balance approaches 20dB, about
10MHz for the LT6350. At DC, the balance is limited by
the matching of the internal resistors that set the gain in
the inverting buffer. 1% matching of the resistors limits
the balance to 52dB at DC. At frequencies near the f–3dB
point of the differential transfer function, additional phase
lag and gain rolloff also contribute to balance. See the
balance plot in the Typical Performance Characteristics
for a detailed picture of Balance vs Input Frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com