전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7093 데이터시트(PDF) 10 Page - Sitronix Technology Co., Ltd.

부품명 ST7093
상세설명  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 데이터시트(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7093 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ST7093
Ver 2.1
10/43
2003/09/23
Character Generator ROM (CGROM)
The character generator ROM generates 5 x 8 dot character patterns from 8-bit character codes. It can generate
256 5 x 8 dot character patterns. User-defined character patterns are also available by mask-programmed ROM.
Character Generator RAM (CGRAM)
In the character generator RAM, the user can rewrite character patterns by program. For 5 x 8 dots, eight
character patterns can be written.
Write into DDRAM the character codes at the addresses shown as the left column of Table 4 to show the character
patterns stored in CGRAM.
See Table 5 for the relationship between CGRAM addresses and data and display patterns. Areas that are not
used for display can be used as general data RAM.
Timing Generation Circuit
The timing generation circuit generates timing signals for the operation of internal circuits such as
DDRAM, CGROM and CGRAM. RAM read timing for display and internal operation timing by MPU access are generated
separately to avoid interfering with each other. Therefore, when writing data to DDRAM, for example, there will be no
undesirable interference, such as flickering, in areas other than the display area.
LCD Driver Circuit
LCD Driver circuit has 26 common and 80 segment signals for LCD driving. Data from CGRAM/CGROM is
transferred to 80 bit segment latch serially, and then it is stored to 80 bit shift latch. When each common is
selected by 26 bit common register, segment data also output through segment driver from 80 bit segment latch.
Cursor/Blink Control Circuit
It can generate the cursor or blink in the cursor/blink control circuit. The cursor or the blink appears in the digit at
the display data RAM address set in the address counter.
Applicable Panel Size
Font
Display
Duty
Contents of outputs
2 Line X 16 Char
1/17
2x16 characters + 80icons
5X8
3 Line x 16 Char
1/25
3x16 characters + 80icons



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com