전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7713 데이터시트(PDF) 33 Page - Sitronix Technology Co., Ltd.

부품명 ST7713
상세설명  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 데이터시트(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 159 page
background image
ST7713
Ver 1.6
2008-05
33
Fig. 9.4.2 3-line serial interface write protocol (write to register with control bit in transmission)
Fig. 9.4.3 4-line serial interface write protocol (write to register with control bit in transmission)
9.4.2 Read Functions
The read mode of the interface means that the micro controller reads register value from the driver. To achieve read
function, the micro controller first has to send a command (read ID or register command) and then the following byte is
transmitted in the opposite direction. After that CSX is required to go to high before a new command is send (see the below
figure). The driver samples the SDA (input data) at rising edge of SCL, but shifts SDA (output data) at the falling edge of
SCL. Thus the micro controller is supported to read at the rising edge of SCL.
After the read status command has been sent, the SDA line must be set to tri-state no later than at the falling edge of SCL
of the last bit.
3-line serial protocol (for RDID1/RDID2/RDID3/0Ah/0Bh/0Ch/0Dh/0Eh/0Fh command: 8-bit read):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More