전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1746 데이터시트(PDF) 13 Page - ams AG

부품명 AS1746
상세설명  0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1746 데이터시트(HTML) 13 Page - ams AG

Back Button AS1746 Datasheet HTML 7Page - ams AG AS1746 Datasheet HTML 8Page - ams AG AS1746 Datasheet HTML 9Page - ams AG AS1746 Datasheet HTML 10Page - ams AG AS1746 Datasheet HTML 11Page - ams AG AS1746 Datasheet HTML 12Page - ams AG AS1746 Datasheet HTML 13Page - ams AG AS1746 Datasheet HTML 14Page - ams AG AS1746 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
13 - 15
AS1746
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
Figure 23. WL-CSP-10 Package
e
e
D1
f
A1
E
D
ob
e
f
e
f
E1
ef
A2
A
A
B
C
1
2
3
4
4
3
2
1
A
B
C
Dimensions
Symbol
Min
Typ
Max
A
0.677
0.707
0.737
A1
0.230
0.250
0.270
A2
0.447
0.457
0.467
b
0.301
0.311
0.321
D
2.05
D1
1.5
E
1.55
E1
1
e
0.5
f
0.275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15