전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5030 데이터시트(PDF) 10 Page - ams AG

부품명 AS5030
상세설명  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5030 데이터시트(HTML) 10 Page - ams AG

Back Button AS5030_1 Datasheet HTML 6Page - ams AG AS5030_1 Datasheet HTML 7Page - ams AG AS5030_1 Datasheet HTML 8Page - ams AG AS5030_1 Datasheet HTML 9Page - ams AG AS5030_1 Datasheet HTML 10Page - ams AG AS5030_1 Datasheet HTML 11Page - ams AG AS5030_1 Datasheet HTML 12Page - ams AG AS5030_1 Datasheet HTML 13Page - ams AG AS5030_1 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 10 of 33
2-or 3-wire read-only serial bit sequence (21bit read):
Read
D20
D19
D18
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AGC
Angle
0
0
0
0
0
C2
lock
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 7: Timing diagram in 2-wire and 3-wire SSI mode
4.15 Serial 2-Wire Connection (R/W Mode)
By connecting the configuration input C2 to VDD, the AS5030
is configured to 2-wire data transmission mode.
Only Clock (CLK) and Data (DIO) signals are required. A Chip
Select (CS) signal is automatically generated by the DX output,
when a time-out of CLK occurs (typ. 20µs).
Note: Read-only mode is also possible in this configuration
Figure 8: SSI R/W mode 2-wire data transmission
Figure 9: Timing diagram in 2-wire SSI mode
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
DX
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com