전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5030 데이터시트(PDF) 23 Page - ams AG

부품명 AS5030
상세설명  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5030 데이터시트(HTML) 23 Page - ams AG

Back Button AS5030_1 Datasheet HTML 19Page - ams AG AS5030_1 Datasheet HTML 20Page - ams AG AS5030_1 Datasheet HTML 21Page - ams AG AS5030_1 Datasheet HTML 22Page - ams AG AS5030_1 Datasheet HTML 23Page - ams AG AS5030_1 Datasheet HTML 24Page - ams AG AS5030_1 Datasheet HTML 25Page - ams AG AS5030_1 Datasheet HTML 26Page - ams AG AS5030_1 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 23 of 33
4~400ms. At sampling intervals >400ms, the power cycling mode is the best method to minimize the average current
consumption.
The curves are based on the figures given in 8.1.
AS5030 average current consumption
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
1
10
100
1000
sampling interval [ms]
Low Power Mode
Power Cycling Mode
Ultra Low Power Mode
Figure 27: Average current consumption of reduced power modes
9 Accuracy of the Encoder system
This chapter describes which individual factors influence the accuracy of the encoder system and how to improve them.
Accuracy is defined as the difference between measured angle and actual angle. This is not to be confused with resolution,
which is the smallest step that the system can resolve.
The two parameters are not necessarily linked together. A high resolution encoder may not necessarily be highly accurate as
well.
9.1
Quantization error
There is however a direct link between resolution and accuracy, which is the quantization error:
Figure 28: Quantization error of a low resolution and a high resolution system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33