전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CHA2294 데이터시트(PDF) 4 Page - United Monolithic Semiconductors

부품명 CHA2294
상세설명  35-40GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMS [United Monolithic Semiconductors]
홈페이지  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2294 데이터시트(HTML) 4 Page - United Monolithic Semiconductors

  CHA2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
35-40GHz LNA VGA
CHA2294
Ref. : DSCHA22942183 -01-July-02
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
In jig Measurements
Bias Conditions :
V5=Vd2= Vd3,4= 5 Volt, Vg1= Vg2=Vg3,4 = -0.3V, Vc= 1.2V
Gain versus Output power
Linear Gain & Output power @ 1dB compression versus frequency
10
12
14
16
18
20
22
24
26
28
36
37
38
39
40
Frequency (GHz)
P-1dB (dBm)
Linear Gain (dB)
18
19
20
21
22
23
24
25
26
27
28
-2
0
2468
10
12
14
Output Power (dBm)
36GHz
37GHz
38GHz
39GHz
40GHz



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com