전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CHA2294 데이터시트(PDF) 5 Page - United Monolithic Semiconductors

부품명 CHA2294
상세설명  35-40GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMS [United Monolithic Semiconductors]
홈페이지  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2294 데이터시트(HTML) 5 Page - United Monolithic Semiconductors

  CHA2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
35-40GHz LNA VGA
CHA2294
Ref. : DSCHA22942183 -01-July-02
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
To V5 DC Drain supply feed
To Vd2,3,4 DC Drain supply
To Vg1 DC Gate supply feed
To Vg2,3,4 DC Gate supply feed
To Vc DC supply feed
120pF
120pF
120pF
120pF
120pF
RF Out
RF In
Note : Supply feed should be capacitively bypassed. 25µm diameter gold wire is recommended
Bond Pad:100 x 100 µm
Bonding pad positions
( Chip thickness : 100µm. All dimensions are in micrometers )



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com