| 전자부품 데이터시트 검색엔진 |
|
dsPIC33FJ32GS608 데이터시트(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ32GS608 데이터시트(HTML) 21 Page - Microchip Technology |
|
21 / 416 page ![]() 2009 Microchip Technology Inc. Preliminary DS70591B-page 21 dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 TABLE 1-1: PINOUT I/O DESCRIPTIONS Pin Name Pin Type Buffer Type Description AN0-AN23 I Analog Analog input channels CLKI CLKO I O ST/CMOS — External clock source input. Always associated with OSC1 pin function. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. Always associated with OSC2 pin function. OSC1 OSC2 I I/O ST/CMOS — Oscillator crystal input. ST buffer when configured in RC mode; CMOS otherwise. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. SOSCI SOSCO I O ST/CMOS — 32.768 kHz low-power oscillator crystal input; CMOS otherwise. 32.768 kHz low-power oscillator crystal output. CN0-CN23 I ST Change notification inputs. Can be software programmed for internal weak pull-ups on all inputs. C1RX C1TX I O ST — ECAN1 bus receive pin. ECAN1 bus transmit pin. IC1-IC4 I ST Capture inputs 1/4 INDX1, INDX2, AINDX1 QEA1, QEA2, AQEA1 QEB1, QEB2, AQEB1 UPDN1 I I I O ST ST ST CMOS Quadrature Encoder Index Pulse input. Quadrature Encoder Phase A input in QEI mode. Auxiliary Timer External Clock/Gate input in Timer mode. Quadrature Encoder Phase A input in QEI mode. Auxiliary Timer External Clock/Gate input in Timer mode. Position Up/Down Counter Direction State. OCFA OCFB OC1-OC4 I I O ST ST — Compare Fault A input (for Compare Channels 1 and 2) Compare Fault B input (for Compare Channels 3 and 4) Compare Outputs 1 through 4 INT0 INT1 INT2 INT3 INT4 I I I I I ST ST ST ST ST External Interrupt 0 External Interrupt 1 External Interrupt 2 External Interrupt 3 External Interrupt 4 RA0-RA15 I/O ST PORTA is a bidirectional I/O port RB0-RB15 I/O ST PORTB is a bidirectional I/O port RC0-RC15 I/O ST PORTC is a bidirectional I/O port RD0-RD15 I/O ST PORTD is a bidirectional I/O port RE0-RE9 I/O ST PORTE is a bidirectional I/O port RF0-RF13 I/O ST PORTF is a bidirectional I/O port RG0-RG15 I/O ST PORTG is a bidirectional I/O port T1CK T2CK T3CK T4CK T5CK I I I I I ST ST ST ST ST Timer1 External Clock Input Timer2 External Clock Input Timer3 External Clock Input Timer4 External Clock Input Timer5 External Clock Input Legend: CMOS = CMOS compatible input or output Analog = Analog input I = Input ST = Schmitt Trigger input with CMOS levels P = Power O = Output TTL = Transistor-Transistor Logic |