| 전자부품 데이터시트 검색엔진 |
|
dsPIC33FJ32GS608 데이터시트(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ32GS608 데이터시트(HTML) 11 Page - Microchip Technology |
|
11 / 416 page ![]() 2009 Microchip Technology Inc. Preliminary DS70591B-page 11 dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 Pin Diagrams (Continued) PGEC2/SOSCO/T1CK/CN0/RC14 PGED2/SOSCI/T4CK/CN1/RC13 OC1/QEB1/FLT5/RD0 IC4/QEA1/FLT4/INT4/RD11 IC2/FLT2/U1CTS/INT2/RD9 IC1/FLT1/SYNCI1/INT1/RD8 VSS OSC2/REFCLKO/CLKO/RC15 OSC1/CLKIN/RC12 VDD SCL1/RG2 U1RTS/SCK1/INT0/RF6 U1RX/SDI1/RF2 U1TX/SDO1/RF3 PWM3H/RE5 PWM4L/RE6 PWM4H/RE7 SCK2/FLT12/CN8/RG6 SDI2/FLT11/CN9/RG7 SDO2/FLT10/CN10/RG8 MCLR VSS VDD AN3/CMP2B/AINDX1/CN5/RB3 AN2/CMP1C/CMP2A/ASS1/CN4/RB2 PGEC3/B/AN1/CMP1B/CN3/RB1 PGED3/AN0/CMP1A/CMP4C/CN2/RB0 SDA1/RG3 SS2/FLT9/SYNCI2/T5CK/CN11/RG9 AN5/CMP3B/AQEB1/CN7/RB5 AN4/CMP2C/CMP3A/AQEA1/CN6/RB4 IC3/INDX1/FLT3/INT3/RD10 64 63 62 61 60 59 58 57 56 55 22 23 24 25 26 27 28 29 30 31 3 40 39 38 37 36 35 34 33 4 5 7 8 9 10 11 1 2 42 41 6 32 43 54 14 15 16 12 13 17 18 19 20 21 45 44 47 46 48 53 52 51 50 49 dsPIC33FJ32GS606 64-Pin QFN = Pins are up to 5V tolerant Note: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally. |