전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ32GS608 데이터시트(PDF) 110 Page - Microchip Technology

부품명 dsPIC33FJ32GS608
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 데이터시트(HTML) 110 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 106Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 107Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 108Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 109Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 110Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 111Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 112Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 113Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 110
Preliminary
 2009 Microchip Technology Inc.
5.2
RTSP Operation
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 Flash program mem-
ory array is organized into rows of 64 instructions or 192
bytes. RTSP allows the user application to erase a page
of memory, which consists of eight rows (512 instruc-
tions) at a time, and to program one row or one word at a
time. Table 27-12 shows typical erase and programming
times. The 8-row erase pages and single row write rows
are edge-aligned from the beginning of program memory,
on boundaries of 1536 bytes and 192 bytes, respectively.
The program memory implements holding buffers that
can contain 64 instructions of programming data. Prior
to the actual programming operation, the write data
must be loaded into the buffers sequentially. The
instruction words loaded must always be from a group
of 64 boundary.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions
to load the buffers. Programming is performed by
setting the control bits in the NVMCON register. A total
of 64 TBLWTL and TBLWTH instructions are required
to load the instructions.
All of the table write operations are single-word writes
(two instruction cycles) because only the buffers are
written. A programming cycle is required for
programming each row.
5.3
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode.
The
processor
stalls (waits)
until
the
programming operation is finished.
The programming time depends on the FRC accuracy
(see Table 27-20) and the value of the FRC Oscillator
Tuning register (see Register 9-4). Use the following
formula to calculate the minimum and maximum values
for the Row Write Time, Page Erase Time, and Word
Write Cycle Time parameters (see Table 27-12).
EQUATION 5-1:
PROGRAMMING TIME
For example, if the device is operating at +125°C,
the FRC accuracy will be ±5%. If the TUN<5:0> bits
(see Register 9-4) are set to ‘b000000, the
Minimum Row Write Time is:
and, the Maximum Row Write Time is:
Setting the WR bit (NVMCON<15>) starts the opera-
tion, and the WR bit is automatically cleared when the
operation is finished.
5.4
Control Registers
Two SFRs are used to read and write the program
Flash memory: NVMCON and NVMKEY.
The NVMCON register (Register 5-1) controls which
blocks are to be erased, which memory type is to be
programmed and the start of the programming cycle.
NVMKEY is a write-only register that is used for write
protection. To start a programming or erase sequence,
the user application must consecutively write 0x55 and
0xAA to the NVMKEY register. Refer to Section 5.3
“Programming Operations” for further details.
T
7.37 MHz
FRC Accuracy
%
FRC Tuning
%
--------------------------------------------------------------------------------------------------------------------------
TRW
11064 Cycles
7.37 MHz
10.05
+

10
–

------------------------------------------------------------------------------1.43ms
=
=
TRW
11064 Cycles
7.37 MHz
10.05
–

10
–

----------------------------------------------------------------------------- 1.58ms
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com