| 전자부품 데이터시트 검색엔진 |
|
DM9010EP 데이터시트(PDF) 45 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9010EP 데이터시트(HTML) 45 Page - Davicom Semiconductor, Inc. |
|
45 / 62 page ![]() DM9010 Single Chip Ethernet Controller with General Processor Interface Preliminary 45 Version: DM9010-17--DS-P04 Jan. 18, 2006 9.5.7 4B5B Code Group Symbol Meaning 4B code 3210 5B Code 43210 0 Data 0 0000 11110 1 Data 1 0001 01001 2 Data 2 0010 10100 3 Data 3 0011 10101 4 Data 4 0100 01010 5 Data 5 0101 01011 6 Data 6 0110 01110 7 Data 7 0111 01111 8 Data 8 1000 10010 9 Data 9 1001 10011 A Data A 1010 10110 B Data B 1011 10111 C Data C 1100 11010 D Data D 1101 11011 E Data E 1110 11100 F Data F 1111 11101 I Idle undefined 11111 J SFD (1) 0101 11000 K SFD (2) 0101 10001 T ESD (1) undefined 01101 R ESD (2) undefined 00111 H Error undefined 00100 V Invalid undefined 00000 V Invalid undefined 00001 V Invalid undefined 00010 V Invalid undefined 00011 V Invalid undefined 00101 V Invalid undefined 00110 V Invalid undefined 01000 V Invalid undefined 01100 V Invalid undefined 10000 V Invalid undefined 11001 Table 1 |