| 전자부품 데이터시트 검색엔진 |
|
MICROSDHC 데이터시트(PDF) 14 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
MICROSDHC 데이터시트(HTML) 14 Page - Transcend Information. Inc. |
|
14 / 25 page ![]() m m miiic c cr rro o oS S SD D DH H HC C C C C Ca a ar rrd d d s s se e er rriiie e es s s High Capacity microSD Card Transcend Information Inc. 14 The CSD Register Fields (CSD Version 2.0) The following sections describe the CSD fields and the relevant data types. If not explicitly defined otherwise, all bit strings are interpreted as binary coded numbers starting with the left bit first. • CSD_STRUCTURE Field structures of the CSD register are different depend on the Physical Specification Version and Card Capacity. The CSD_STRUCTURE field in the CSD register indicates its structure version. The following table shows the version number of the related CSD structure. |