| 전자부품 데이터시트 검색엔진 |
|
MICROSDHC 데이터시트(PDF) 18 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
MICROSDHC 데이터시트(HTML) 18 Page - Transcend Information. Inc. |
|
18 / 25 page ![]() m m miiic c cr rro o oS S SD D DH H HC C C C C Ca a ar rrd d d s s se e er rriiie e es s s High Capacity microSD Card Transcend Information Inc. 18 This field is set to 0. Host should not use this field. COPY onsumers, is set to ‘1’ which identifies the card contents as a copy. The COPY bit is an one time programmable bit. PERM_WRITE_PROTECT erase commands for this card re permanently disabled). The default value is ‘0’, i.e. not permanently write protected. for this rd are temporarily disabled). This bit can be set and reset. The default value is ‘0’, i.e. not write protected. is field is set to 0. Host should not use this field. sum has to be recalculated by the host for any CSD modification. The default corresponds to the initial CSD ntents. d the command classes. A ‘+’ entry indicates at the CSD field affects th • Defines if the contents is original (= ‘0’) or has been copied (=’1’). The COPY bit for OTP and MTPdevices, sold to end c • Permanently protects the whole card content against overwriting or erasing (all write and a • TMP_WRITE_PROTECT Temporarily protects the whole card content from being overwritten or erased (all write and erase commands ca • FILE_FORMAT Th • CRC The CRC field carries the check sum for the CSD contents. The check co The following table lists the correspondence between the CSD entries an th e commands of the related command class. |