전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPR430ALTR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 LPR430ALTR
상세설명  MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR430ALTR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button LPR430ALTR Datasheet HTML 6Page - STMicroelectronics LPR430ALTR Datasheet HTML 7Page - STMicroelectronics LPR430ALTR Datasheet HTML 8Page - STMicroelectronics LPR430ALTR Datasheet HTML 9Page - STMicroelectronics LPR430ALTR Datasheet HTML 10Page - STMicroelectronics LPR430ALTR Datasheet HTML 11Page - STMicroelectronics LPR430ALTR Datasheet HTML 12Page - STMicroelectronics LPR430ALTR Datasheet HTML 13Page - STMicroelectronics LPR430ALTR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application hints
LPR430AL
10/14
Doc ID 16574 Rev 1
5
Application hints
Figure 3.
LPR430AL electrical connections and external component values
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF aluminum) should
be placed as near as possible to the device (common design practice).
The LPR430AL allows band limiting the output rate response through the use of an external
low-pass filter (recommended) in addition to the embedded low-pass filter (ft = 140 Hz).
4xOUTX and 4xOUTY are, respectively, OUTX and OUTY amplified output lines, internally
buffered to ensure low output impedance.
If external low-pass filtering is not applied, it is mandatory to short-circuit pin 1 to pin 5 and
pin 16 to pin 20, respectively, when amplified outputs are used.
When only non-amplified output is used (OUTX/OUTY), it is recommended to set pin 5 and
16 to fixed reference voltage (Vref).
The LPR430AL IC includes a PLL (phase-locked loop) circuit to synchronize driving and
sensing interfaces. Capacitors and resistors must be added at the FILTVDD and VCONT
pins (as shown in
Figure 3) to implement a low-pass filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com