전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMA8450QT 데이터시트(PDF) 37 Page - Freescale Semiconductor, Inc

부품명 MMA8450QT
상세설명  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT 데이터시트(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Sensors
37
Freescale Semiconductor
MMA8450Q
0x31 - 0x33: PULSE_THSX, Y, Z Pulse Threshold for X, Y & Z Registers
The pulse threshold can be set separately for the X, Y and Z axes. The threshold values range from 0 to 31 counts with steps
of 0.258g/LSB at a fixed 8g acceleration range, thus the minimum resolution is always fixed at 0.258g/LSB irrespective of the
selected g range.
The PULSE_THSX, PULSE_THSY and PULSE_THSZ registers define the threshold which is used by the system to start the
pulse detection procedure. The threshold value is expressed over 5-bits as an unsigned number.
0x34: PULSE_TMLT Pulse Time Window 1 Register
The bits Tmlt7 through Tmlt0 define the maximum time interval that can elapse between the start of the acceleration on the
selected axis exceeding the specified threshold and the end when the acceleration on the selected axis must go below the
specified threshold to be considered a valid pulse.
The minimum time step for the pulse time limit is defined in Table 48. Maximum time for a given ODR is the minimum time step
at the given power mode multiplied by 255. The time steps available are dependent on whether the device is in Normal Power
mode or in Low Power mode. Notice in the table below that the time step is twice as long in Low Power mode.
Therefore an ODR setting of 400 Hz with normal power mode would result in a maximum pulse time limit of (0.625 ms * 255)
≥ 159 ms.
0x31 PULSE_THSX Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
THSX4
THSX3
THSX2
THSX1
THSX0
Table 45. PULSE_THSX Description
THSX4, THSX0
Pulse Threshold on X-axis. Default value: 0_0000
0x32 PULSE_THSY Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
THSY4
THSY3
THSY2
THSY1
THSY0
Table 46. PULSE_THSY Description
THSY4, THSY0
Pulse Threshold on Y-axis. Default value: 0_0000
0x33 PULSE_THSZ Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
Table 47. PULSE_THSZ Description
THSZ4, THSZ0
Pulse Threshold on Z-axis. Default value: 0_0000
0x34 PULSE_TMLT Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Tmlt7
Tmlt6
Tmlt5
Tmlt4
Tmlt3
Tmlt2
Tmlt1
Tmlt0
Table 48. Time Step for PULSE Time Limit at ODR and Power Mode
Output Data Rate (Hz)
Step at Normal Mode
Step at Low Power Mode
400
0.625 ms
1.25 ms
200
1.25 ms
2.5 ms
100
2.5 ms
5.0 ms
50
5 ms
10 ms
12.5
5 ms
10 ms
1.56
5 ms
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57