| 전자부품 데이터시트 검색엔진 |
|
PCF8533U/2/F2 데이터시트(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533U/2/F2 데이터시트(HTML) 37 Page - NXP Semiconductors |
|
37 / 45 page ![]() PCF8533_4 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 5 March 2010 37 of 45 NXP Semiconductors PCF8533 Universal LCD driver for low multiplex rates [1] For most applications SDA and SDAACK are shorted together; see Section 8.1. [2] The dummy bumps are connected to the adjacent segments but are not tested. S67 85 −2362.40 594.40 LCD segment output S68 86 −2322.40 −594.40 S69 87 −2242.40 −594.40 S70 88 −2162.40 −594.40 S71 89 −2082.40 −594.40 S72 90 −2002.40 −594.40 S73 91 −1922.40 −594.40 S74 92 −1842.40 −594.40 S75 93 −1762.40 −594.40 S76 94 −1682.40 −594.40 S77 95 −1602.40 −594.40 S78 96 −1522.40 −594.40 S79 97 −1442.40 −594.40 BP3 98 −1362.40 −594.40 LCD backplane output BP1 99 −1282.40 −594.40 D1 - 2469.70 −594.40 [2] dummy bump D2 - 2549.70 −594.40 D3 - 2517.60 594.40 D4 - 2437.60 594.40 D5 - −2442.30 594.40 D6 - −2522.30 594.40 [2] D7 - −2554.40 −594.40 D8 - −2474.40 −594.40 Table 22. Bump locations All x/y coordinates represent the position of the centre of each bump with respect to the center (x/y = 0) of the chip; see Figure 25. Symbol Bump X ( μm) Y ( μm) Description |