전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P89LPC9151FDH 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 P89LPC9151FDH
상세설명  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151FDH 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button P89LPC9151FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
8 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
Fig 6.
Functional diagram (P89LPC9171)
KBI0
KBI1
KBI2
KBI3
KBI4
KBI5
AD10
AD11
AD12
AD13
CLKIN
KBI7
CMP2
CIN2B
CIN2A
CIN1B
CIN1A
CMPREF
T1
TXD
RXD
T0
INT0
INT1
RST
SCL
P89LPC9171
002aae569
VDD
VSS
DAC1
CLKOUT
PORT 0
PORT 1
PORT 2
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91