전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R01M 데이터시트(PDF) 45 Page - Holtek Semiconductor Inc

부품명 HT46R01M
상세설명  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M 데이터시트(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
45
December 18, 2009
Programming Considerations
When programming, special attention must be given to
the PCR[3:0] bits in the register. If these bits are all
cleared to zero no external pins will be selected for use
as A/D input pins allowing the pins to be used as normal
I/O pins. When this happens the internal A/D circuitry
will be power down. Setting the ADONB bit high has the
ability to power down the internal A/D circuitry, which
may be an important consideration in power sensitive
applications.
A/D Transfer Function
As the device contain a 12-bit A/D converter, its
full-scale converted digitised value is equal to FFFH.
Since the full-scale analog input value is equal to the
VDD voltage, this gives a single bit analog input value of
VDD/4096. The diagram show the ideal transfer function
between the analog input value and the digitised output
value for the A/D converter.
Note that to reduce the quantisation error, a 0.5 LSB off-
set is added to the A/D Converter input. Except for the
digitised zero value, the subsequent digitised values will
change at a point 0.5 LSB below where they would
change without the offset, and the last full scale digitised
value will change at a point 1.5 LSB below the VDD level.
A/D Programming Example
The following two programming examples illustrate how
to setup and implement an A/D conversion. In the first
example, the method of polling the EOCB bit in the
ADCR register is used to detect when the conversion
cycle is complete, whereas in the second example, the
A/D interrupt is used to determine when the conversion
is complete.
t A D C
A / D c o n v e r s i o n t i m e
0 0 0 B
x x B
x x x B - P C R [ 3 : 0 ] i s n o t e q u a l t o " 0 "
1 0 B
S T A R T
E O C B
P C R 3 ~
P C R 0
A C S 1 ~
A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e p o r t c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
A / D c l o c k m u s t b e f s y s , f S Y S / 2 , f S Y S / 4 , f S Y S / 8 , f S Y S / 1 6 o r f S Y S / 3 2
t A D C S = 4 t A D
t A D C = 1 6 t A D
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
t A D C S
0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
0 1 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
E n d o f A / D
c o n v e r s i o n
A / D s a m p l i n g t i m e
t A D C S
A D C m o d u l e
O N
A D O N B
o f f
o n
o n
t O N 2 S T
t A D C
A / D c o n v e r s i o n t i m e
A/D Conversion Timing
F F E H
(
)
A / D C o n v e r s i o n
R e s u l t
F F F H
F F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
4 0 9 3 4 0 9 4 4 0 9 5 4 0 9 6
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D
4 0 9 6
Ideal A/D Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com