전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R01M 데이터시트(PDF) 34 Page - Holtek Semiconductor Inc

부품명 HT46R01M
상세설명  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M 데이터시트(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
34
December 18, 2009
Timer Control Registers
- TMR0C, TMR1C
The flexible features of the Holtek microcontroller
Timer/Event Counters enable them to operate in three
different modes, the options of which are determined by
the contents of their respective control register.
The Timer Control Register is known as TMRnC. It is the
Timer Control Register together with its corresponding
timer register that control the full operation of the
Timer/Event Counter. Before the timer can be used, it is
essential that the Timer Control Register is fully pro-
grammed with the right data to ensure its correct opera-
tion, a process that is normally carried out during
program initialisation.
To choose which of the three modes the timer is to oper-
ate in, either in the timer mode, the event counting mode
or the pulse width capture mode, bits 7 and 6 of the
Timer Control Register, which are known as the bit pair
TnM1/TnM0, must be set to the required logic levels.
The timer-on bit, which is bit 4 of the Timer Control Reg-
ister and known as TnON, provides the basic on/off con-
trol of the respective timer. Setting the bit high allows the
counter to run, clearing the bit stops the counter. Bits
0~2 of the Timer Control Register determine the division
ratio of the input clock prescaler. The prescaler bit set-
tings have no effect if an external clock source is used. If
the timer is in the event count or pulse width capture
mode, the active transition edge level type is selected by
the logic level of bit 3 of the Timer Control Register
which is known as TnEG. The TnS bit selects the inter-
nal clock source if used.
Timer Mode
In this mode, the Timer/Event Counter can be utilised to
measure fixed time intervals, providing an internal inter-
rupt signal each time the Timer/Event Counter over-
flows. To operate in this mode, the Operating Mode
Select bit pair, TnM1/TnM0, in the Timer Control Regis-
ter must be set to the correct value as shown.
Control Register Operating Mode
Select Bits for the Timer Mode
Bit7 Bit6
10
In this mode the internal clock is used as the timer clock.
The timer input clock source is either fSYS ,fSYS/4 or the
LXT oscillator. However, this timer clock source is fur-
ther divided by a prescaler, the value of which is deter-
mined by the bits TnPSC2~TnPSC0 in the Timer
Control Register. The timer-on bit, TnON must be set
high to enable the timer to run. Each time an internal
clock high to low transition occurs, the timer increments
by one; when the timer is full and overflows, an interrupt
signal is generated and the timer will reload the value al-
ready loaded into the preload register and continue
counting. A timer overflow condition and corresponding
internal interrupt is one of the wake-up sources, how-
ever, the internal interrupts can be disabled by ensuring
that the ETnI bits of the INTCn register are reset to zero.
Event Counter Mode
In this mode, a number of externally changing logic
events, occurring on the external timer TCn pin, can be
recorded by the Timer/Event Counter. To operate in this
mode, the Operating Mode Select bit pair, TnM1/TnM0,
in the Timer Control Register must be set to the correct
value as shown.
Control Register Operating Mode
Select Bits for the Event Counter Mode
Bit7 Bit6
01
In this mode, the external timer TCn pin, is used as the
Timer/Event Counter clock source, however it is not di-
vided by the internal prescaler. After the other bits in the
Timer Control Register have been setup, the enable bit
TnON, which is bit 4 of the Timer Control Register, can
be set high to enable the Timer/Event Counter to run. If
the Active Edge Select bit, TnEG, which is bit 3 of the
Timer Control Register, is low, the Timer/Event Counter
will increment each time the external timer pin receives
a low to high transition. If the TnEG is high, the counter
will increment each time the external timer pin receives
a high to low transition. When it is full and overflows, an
interrupt signal is generated and the Timer/Event Coun-
ter will reload the value already loaded into the preload
register and continue counting. The interrupt can be dis-
abled by ensuring that the Timer/Event Counter Inter-
I n c r e m e n t
T i m e r C o n t r o l l e r
P r e s c a l e r O u t p u t
T i m e r + 1
T i m e r + 2
T i m e r + N
T i m e r + N + 1
Timer Mode Timing Chart
T i m e r + 2
E x t e r n a l E v e n t
I n c r e m e n t
T i m e r C o u n t e r
T i m e r + 3
T i m e r + 1
Event Counter Mode Timing Chart (TnEG=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com