| 전자부품 데이터시트 검색엔진 |
|
HT86B50 데이터시트(PDF) 76 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86B50 데이터시트(HTML) 76 Page - Holtek Semiconductor Inc |
|
76 / 83 page ![]() Package Information 24-pin SSOP (150mil) Outline Dimensions Symbol Dimensions in inch Min. Nom. Max. A 0.228 ¾ 0.244 B 0.150 ¾ 0.157 C 0.008 ¾ 0.012 C ¢ 0.335 ¾ 0.346 D 0.054 ¾ 0.060 E ¾ 0.025 ¾ F 0.004 ¾ 0.010 G 0.022 ¾ 0.028 H 0.007 ¾ 0.010 a 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A 5.79 ¾ 6.20 B 3.81 ¾ 3.99 C 0.20 ¾ 0.30 C ¢ 8.51 ¾ 8.79 D 1.37 ¾ 1.52 E ¾ 0.64 ¾ F 0.10 ¾ 0.25 G 0.56 ¾ 0.71 H 0.18 ¾ 0.25 a 0 °¾ 8 ° HT86BXX/HT86BRXX Rev. 1.70 76 February 22, 2010 2 4 1 1 3 1 2 A B C D E F C ' G H a |