| 전자부품 데이터시트 검색엔진 |
|
HT86B50 데이터시트(PDF) 77 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86B50 데이터시트(HTML) 77 Page - Holtek Semiconductor Inc |
|
77 / 83 page ![]() 24-pin SSOP (209mil) Outline Dimensions · MO-150 Symbol Dimensions in inch Min. Nom. Max. A 0.291 ¾ 0.323 B 0.197 ¾ 0.220 C 0.009 ¾ 0.013 C ¢ 0.311 ¾ 0.335 D ¾¾ 0.079 E ¾ 0.026 ¾ F 0.002 ¾¾ G 0.022 ¾ 0.037 H 0.004 ¾ 0.008 a 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A 7.40 ¾ 8.20 B 5.00 ¾ 5.60 C 0.22 ¾ 0.33 C ¢ 7.90 ¾ 8.50 D ¾ 2.00 E ¾ 0.65 ¾ F 0.05 ¾¾ G 0.55 ¾ 0.95 H 0.09 ¾ 0.21 a 0 °¾ 8 ° HT86BXX/HT86BRXX Rev. 1.70 77 February 22, 2010 2 4 1 1 3 1 2 A B C D E F C ' G H a |