전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NX2113 데이터시트(PDF) 18 Page - Microsemi Corporation

부품명 NX2113
상세설명  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 데이터시트(HTML) 18 Page - Microsemi Corporation

Back Button NX2113 Datasheet HTML 11Page - Microsemi Corporation NX2113 Datasheet HTML 12Page - Microsemi Corporation NX2113 Datasheet HTML 13Page - Microsemi Corporation NX2113 Datasheet HTML 14Page - Microsemi Corporation NX2113 Datasheet HTML 15Page - Microsemi Corporation NX2113 Datasheet HTML 16Page - Microsemi Corporation NX2113 Datasheet HTML 17Page - Microsemi Corporation NX2113 Datasheet HTML 18Page - Microsemi Corporation NX2113 Datasheet HTML 19Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
NX2113/2113A
18
Rev. 2.0
11/18/05
TYPICAL APPLICATION
Dual power supply (+5V BIAS,+12V BUS)
Figure 18 -Application of NX2113 for 5V bias and 12V input bus
Figure 19 -Application of NX2113 for high input bus application
Single power supply (+11V to +24V BUS)
C6
1uF
C5
1uF
Cin
Vin
+12V
D1
M1
M2
L1 4.7uH
C2
10nF
C7
0.1uF
R2
4.7k 1%
10k
R4
10k 1%
R1
Vin
+5V
100pF
C1
1k
R5
1k
R6
Vcc
BST
Fb
Comp
SW
Hdrv
Ldrv
PGnd/Gnd
6
1
2
10
4
8
9
3
PVcc
5
EN
7
C5
1uF
10
R5
+2.5V,4A
Vout
39uF,31mohm
2 x (680uF,36mohm)
Co
L2 1uH
C4
47uF
+1.6V,5A
Vout
2 x (47uF,60mohm)
2 x (680uF,36mohm)
C5
1uF
Cin
Vin
+11~25V
M1
M2
L1 4.7uH
C2
10nF
Co
C7
0.1uF
R2
4.7k 1%
R4
C1
100pF
2N3904
TL431
3k
R5
10k 1%
R1
10k
R7
12.7k
R6
10k
C6
1uF
D1
Vcc
BST
Fb
Comp
SW
Hdrv
Ldrv
PGnd
6
1
2
10
4
8
9
3
PVcc
5
EN
7
76.8k
R8
10k
R9
C8
1uF
10
R5
Gnd
11
L2 1uH
47uF
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com