전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SG1842L/883B 데이터시트(PDF) 13 Page - Microsemi Corporation

부품명 SG1842L/883B
상세설명  CURRENT MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1842L/883B 데이터시트(HTML) 13 Page - Microsemi Corporation

Back Button SG1842L/883B Datasheet HTML 6Page - Microsemi Corporation SG1842L/883B Datasheet HTML 7Page - Microsemi Corporation SG1842L/883B Datasheet HTML 8Page - Microsemi Corporation SG1842L/883B Datasheet HTML 9Page - Microsemi Corporation SG1842L/883B Datasheet HTML 10Page - Microsemi Corporation SG1842L/883B Datasheet HTML 11Page - Microsemi Corporation SG1842L/883B Datasheet HTML 12Page - Microsemi Corporation SG1842L/883B Datasheet HTML 13Page - Microsemi Corporation SG1842L/883B Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1842/SG1843 Series
PRODUCT DA T ABOOK 1996/1997
13
Copyright © 2000
Rev. 1.6a 10/04
P RODUCTION D ATA S HEET
TYPICAL APPLICA TION CIRCUITS
(continued)
FIGURE 23. — SLOPE COMPENSATION
High-peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass capacitors should be
connected to pin 5 in a single point ground. The transistor and 5k potentiometer are used to sample the oscillator waveform and apply
an adjustable ramp to pin 3.
Due to inherent instability of current mode converters running above 50% duty cycle, a slope compensation should be added to
either current sense pin or the error amplifier. Figure 23 shows a typical slope compensation technique.
OSCILLATOR
V
REF
GOOD LOGIC
S
R
5V
REF
INTERNAL
BIAS
8(14)
4(7)
2(3)
1(1)
R
F
C
F
R
d
R
i
From V
O
R
SLOPE
2N222A
R
T
5V
UVLO
2.5V
ERROR
AMP
C
T
1V
2R
R
C.S.
COMP
PWM
LATCH
5(9)
3(5)
5(8)
CR
S
R
6(10)
7(11)
7(12)
V
CC
V
O
Q1
SG1842/43
V
IN
5V
FIGURE 24. — OPEN LOOP LABORATORY FIXTURE
2
3
4
8
7
6
5
COMP
V
FB
I
SENSE
R
TCT
V
REF
V
CC
OUTPUT
GROUND
0.1µF
0.1µF
A
SG1842/43
R
T
2N2222
100K
4.7K
1K
4.7K
5K
I
SENSE
ADJUST
ERROR AMP
ADJUST
C
T
1K
GROUND
OUTPUT
V
CC
V
REF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14