전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP64LX 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BAP64LX
상세설명  Silicon PIN diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP64LX 데이터시트(HTML) 3 Page - NXP Semiconductors

  BAP64LX Datasheet HTML 1Page - NXP Semiconductors BAP64LX Datasheet HTML 2Page - NXP Semiconductors BAP64LX Datasheet HTML 3Page - NXP Semiconductors BAP64LX Datasheet HTML 4Page - NXP Semiconductors BAP64LX Datasheet HTML 5Page - NXP Semiconductors BAP64LX Datasheet HTML 6Page - NXP Semiconductors BAP64LX Datasheet HTML 7Page - NXP Semiconductors BAP64LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BAP64LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2007
3 of 8
NXP Semiconductors
BAP64LX
Silicon PIN diode
Lins
insertion loss
see Figure 4;IF = 0.5 mA;
f = 900 MHz
-
1.22
-
dB
f = 1800 MHz
-
1.21
-
dB
f = 2450 MHz
-
1.22
-
dB
Lins
insertion loss
see Figure 4;IF = 1 mA;
f = 900 MHz
-
0.22
-
dB
f = 1800 MHz
-
0.23
-
dB
f = 2450 MHz
-
0.24
-
dB
Lins
insertion loss
see Figure 4;IF =10mA;
f = 900 MHz
-
0.12
-
dB
f = 1800 MHz
-
0.14
-
dB
f = 2450 MHz
-
0.15
-
dB
Lins
insertion loss
see Figure 4;IF = 100 mA;
f = 900 MHz
-
0.09
-
dB
f = 1800 MHz
-
0.10
-
dB
f = 2450 MHz
-
0.11
-
dB
τL
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; RL = 100 Ω; measured at
IR =3mA
-
1.0
-
µs
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.4
-
nH
Table 6.
Characteristics …continued
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f = 1 MHz; Tj =25 °C.
f = 100 MHz; Tj =25 °C.
Fig 1.
Diode capacitance as a function of reverse
voltage; typical values
Fig 2.
Forward resistance as a function of forward
current; typical values
001aag637
VR (V)
020
16
812
4
200
300
100
400
500
Cd
(fF)
0
001aag638
IF (mA)
10−1
102
10
1
10
1
102
rD
(
Ω)
10−1



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com