전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP64LX 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BAP64LX
상세설명  Silicon PIN diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP64LX 데이터시트(HTML) 4 Page - NXP Semiconductors

  BAP64LX Datasheet HTML 1Page - NXP Semiconductors BAP64LX Datasheet HTML 2Page - NXP Semiconductors BAP64LX Datasheet HTML 3Page - NXP Semiconductors BAP64LX Datasheet HTML 4Page - NXP Semiconductors BAP64LX Datasheet HTML 5Page - NXP Semiconductors BAP64LX Datasheet HTML 6Page - NXP Semiconductors BAP64LX Datasheet HTML 7Page - NXP Semiconductors BAP64LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BAP64LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2007
4 of 8
NXP Semiconductors
BAP64LX
Silicon PIN diode
Tamb =25 °C
Diode zero biased and inserted in series with a 50
stripline circuit
Tamb =25 °C
(1) IF = 100 mA
(2) IF =10mA
(3) IF =1mA
(4) IF = 0.5 mA
Diode inserted in series with a 50
Ω stripline circuit
and biased via the analyzer Tee network
Fig 3.
Isolation of the diode as a function of
frequency; typical values
Fig 4.
Insertion loss of the diode as a function of
frequency; typical values
001aag639
f (MHz)
500
3000
2500
1500
2000
1000
−20
−10
0
ISL
(dB)
−30
001aag640
f (MHz)
500
3000
2500
1500
2000
1000
−1.5
−1.0
−2.0
−0.5
0
Lins
(dB)
−2.5
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com