전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XIO2001 데이터시트(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
부품명 XIO2001
상세설명  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 데이터시트(HTML) 52 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 48Page - Texas Instruments XIO2001 Datasheet HTML 49Page - Texas Instruments XIO2001 Datasheet HTML 50Page - Texas Instruments XIO2001 Datasheet HTML 51Page - Texas Instruments XIO2001 Datasheet HTML 52Page - Texas Instruments XIO2001 Datasheet HTML 53Page - Texas Instruments XIO2001 Datasheet HTML 54Page - Texas Instruments XIO2001 Datasheet HTML 55Page - Texas Instruments XIO2001 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 4-11. Prefetchable Memory Base Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Prefetchable memory base. Defines the lowest address of the prefetchable memory address range
that determines when to forward memory transactions from one interface to the other. These bits
15:4
PREBASE
RW
correspond to address bits [31:20] in the memory address. The lower 20 bits are assumed to be
00000h. The prefetchable base upper 32 bits register (offset 28h, see Section 4.22) specifies the bit
[63:32] of the 64-bit prefetchable memory address.
3:0
64BIT
64-bit memory indicator. These read-only bits indicate that 64-bit addressing is supported for this
R
memory window.
4.21 Prefetchable Memory Limit Register
This read/write register specifies the upper limit of the prefetchable memory addresses that the bridge
forwards downstream. See Table 4-12 for a complete description of the register contents.
PCI register offset:
26h
Register type:
Read-only, Read/Write
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 4-12. Prefetchable Memory Limit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Prefetchable memory limit. Defines the highest address of the prefetchable memory address range
that determines when to forward memory transactions from one interface to the other. These bits
15:4
PRELIMIT
RW
correspond to address bits [31:20] in the memory address. The lower 20 bits are assumed to be
FFFFFh. The prefetchable limit upper 32 bits register (offset 2Ch, see Section 4.23) specifies the bit
[63:32] of the 64-bit prefetchable memory address.
3:0
64BIT
64-bit memory indicator. These read-only bits indicate that 64-bit addressing is supported for this
R
memory window.
4.22 Prefetchable Base Upper 32-Bit Register
This read/write register specifies the upper 32 bits of the prefetchable memory base register. See
Table 4-13 for a complete description of the register contents.
PCI register offset:
28h
Register type:
Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-13. Prefetchable Base Upper 32-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Prefetchable memory base upper 32 bits. Defines the upper 32 bits of the lowest address of the
31:0
PREBASE
RW
prefetchable memory address range that determines when to forward memory transactions
downstream.
52
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com