전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99PD08TR 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 L99PD08TR
상세설명  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08TR 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button L99PD08TR Datasheet HTML 33Page - STMicroelectronics L99PD08TR Datasheet HTML 34Page - STMicroelectronics L99PD08TR Datasheet HTML 35Page - STMicroelectronics L99PD08TR Datasheet HTML 36Page - STMicroelectronics L99PD08TR Datasheet HTML 37Page - STMicroelectronics L99PD08TR Datasheet HTML 38Page - STMicroelectronics L99PD08TR Datasheet HTML 39Page - STMicroelectronics L99PD08TR Datasheet HTML 40Page - STMicroelectronics L99PD08TR Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Package and packing information
L99PD08
38/41
Doc ID 15872 Rev 3
7.3
LQFP32 packing information
The devices can be packed in tube or tape and reel shipments (see the Summary device on
page 1 for packaging quantities).
Figure 12.
LQFP32 tape and reel shipment (suffix “TR”)
E8.8
9
9.2
E1
6.8
7
7.2
E3
5.6
e0.8
L
0.45
0.6
0.75
L1
1
k
0.0°
3.5°
7.0°
ccc
0.1
Table 46.
LQFP32 mechanical data (continued)
Symbol
millimeters
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41