전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6564DTR 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 L6564DTR
상세설명  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564DTR 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button L6564DTR Datasheet HTML 13Page - STMicroelectronics L6564DTR Datasheet HTML 14Page - STMicroelectronics L6564DTR Datasheet HTML 15Page - STMicroelectronics L6564DTR Datasheet HTML 16Page - STMicroelectronics L6564DTR Datasheet HTML 17Page - STMicroelectronics L6564DTR Datasheet HTML 18Page - STMicroelectronics L6564DTR Datasheet HTML 19Page - STMicroelectronics L6564DTR Datasheet HTML 20Page - STMicroelectronics L6564DTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
L6564
Typical electrical performance
Doc ID 16202 Rev 1
17/34
Figure 23.
PFC_OK FFD threshold vs TJ
Figure 24.
PWM_LATCH high saturation vs TJ
 
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
 
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC= 12V
Isource =500uA
Isource =250uA
Figure 25.
RUN threshold vs TJ
Figure 26.
PWM_STOP low saturation vs TJ
 
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
ON
OFF
0
0. 05
0.1
0. 15
0.2
0. 25
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
Isink = 0. 5m A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com