전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6564DTR 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 L6564DTR
상세설명  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564DTR 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button L6564DTR Datasheet HTML 19Page - STMicroelectronics L6564DTR Datasheet HTML 20Page - STMicroelectronics L6564DTR Datasheet HTML 21Page - STMicroelectronics L6564DTR Datasheet HTML 22Page - STMicroelectronics L6564DTR Datasheet HTML 23Page - STMicroelectronics L6564DTR Datasheet HTML 24Page - STMicroelectronics L6564DTR Datasheet HTML 25Page - STMicroelectronics L6564DTR Datasheet HTML 26Page - STMicroelectronics L6564DTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
L6564
Application information
Doc ID 16202 Rev 1
23/34
where fL is the line frequency. The amount of 3rd harmonic distortion introduced by this
ripple, related to the amplitude of its 2•fL component, will be:
Figure 36
shows a diagram that helps choose the time constant RFF·CFF based on the
amount of maximum desired 3rd harmonic distortion. Always connect RFF and CFF to the
pin, the IC will not work properly if the pin is either left floating or connected directly to
ground.
Figure 36.
RFF·CFF as a function of 3rd harmonic distortion introduced in the input
current
The dynamics of the voltage feedforward input, that is the output of the multiplier, is limited
downwards at 0.8 V (see Figure 35), so that cannot increase any more if the voltage on the
VFF pin is below 0.8 V. This helps to prevent excessive power flow when the line voltage is
lower than the minimum specified value.
6.4
THD optimizer circuit
The L6564 is provided with a special circuit that reduces the conduction dead-angle
occurring to the AC input current near the zero-crossings of the line voltage (crossover
distortion). In this way the THD (total harmonic distortion) of the current is considerably
reduced.
A major cause of this distortion is the inability of the system to transfer energy effectively
when the instantaneous line voltage is very low. This effect is magnified by the high-
frequency filter capacitor placed after the bridge rectifier, which retains some residual
voltage that causes the diodes of the bridge rectifier to be reverse-biased and the input
current flow to temporarily stop.
To overcome this issue the device forces the PFC pre-regulator to process more energy
near the line voltage zero-crossings as compared to that commanded by the control loop.
This will result in both minimizing the time interval where energy transfer is lacking and fully
discharging the high-frequency filter capacitor after the bridge.
Figure 37
shows the internal block diagram of the THD optimizer circuit.
FF
FF
L
3
C
R
f
2
100
%
D
π
=
 
D %
3
0.1110
0.01
0.1
1
10
f = 50 Hz
L
f = 60 Hz
L
R · C
[s]
FF
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com