전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPR4150AL 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 LPR4150AL
상세설명  MEMS motion sensor: dual-axis pitch and roll ±1500 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR4150AL 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button LPR4150AL Datasheet HTML 6Page - STMicroelectronics LPR4150AL Datasheet HTML 7Page - STMicroelectronics LPR4150AL Datasheet HTML 8Page - STMicroelectronics LPR4150AL Datasheet HTML 9Page - STMicroelectronics LPR4150AL Datasheet HTML 10Page - STMicroelectronics LPR4150AL Datasheet HTML 11Page - STMicroelectronics LPR4150AL Datasheet HTML 12Page - STMicroelectronics LPR4150AL Datasheet HTML 13Page - STMicroelectronics LPR4150AL Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
LPR4150AL
12/14
Doc ID 16576 Rev 1
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 5.
LGA-28: mechanical data and package dimensions
A1
1.1
A2
0.855
A3
0.200
D1
3.850
4.000
4.150
E1
4.850
5.000
5.150
L1
3.75
L2
2.75
N1
0.500
M
0.075
P1
2.200
P2
1.700
T1
0.265
0.325
0.385
T2
0.19
0.250
0.310
d
0.200
k
0.050
h
0.100
LGA-28 (4x5x1mm)
Land Grid Array Package
8181393A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14