| 전자부품 데이터시트 검색엔진 |
|
P89LPC9341FDH 데이터시트(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC9341FDH 데이터시트(HTML) 45 Page - NXP Semiconductors |
|
45 / 93 page ![]() P89LPC9331_9341_9351_9361_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 2 June 2009 45 of 93 NXP Semiconductors P89LPC9331/9341/9351/9361 8-bit microcontroller with accelerated two-clock 80C51 core 7.23.2 Mode 1 10 bits are transmitted (through TXD) or received (through RXD): a start bit (logic 0), 8 data bits (LSB first), and a stop bit (logic 1). When data is received, the stop bit is stored in RB8 in special function register SCON. The baud rate is variable and is determined by the Timer 1 overflow rate or the baud rate generator (described in Section 7.23.5 “Baud rate generator and selection”). 7.23.3 Mode 2 11 bits are transmitted (through TXD) or received (through RXD): start bit (logic 0), 8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). When data is transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of logic 0 or logic 1. Or, for example, the parity bit (P, in the PSW) could be moved into TB8. When data is received, the 9th data bit goes into RB8 in special function register SCON, while the stop bit is not saved. The baud rate is programmable to either 1 ⁄ 16 or 1 ⁄ 32 of the CPU clock frequency, as determined by the SMOD1 bit in PCON. 7.23.4 Mode 3 11 bits are transmitted (through TXD) or received (through RXD): a start bit (logic 0), 8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). In fact, Mode 3 is the same as Mode 2 in all respects except baud rate. The baud rate in Mode 3 is variable and is determined by the Timer 1 overflow rate or the baud rate generator (described in Section 7.23.5 “Baud rate generator and selection”). 7.23.5 Baud rate generator and selection The P89LPC9331/9341/9351/9361 enhanced UART has an independent baud rate generator. The baud rate is determined by a baud-rate preprogrammed into the BRGR1 and BRGR0 SFRs which together form a 16-bit baud rate divisor value that works in a similar manner as Timer 1 but is much more accurate. If the baud rate generator is used, Timer 1 can be used for other timing functions. The UART can use either Timer 1 or the baud rate generator output (see Figure 13). Note that Timer T1 is further divided by 2 if the SMOD1 bit (PCON.7) is cleared. The independent baud rate generators use OSCCLK. 7.23.6 Framing error Framing error is reported in the status register (SSTAT). In addition, if SMOD0 (PCON.6) is logic 1, framing errors can be made available in SCON.7 respectively. If SMOD0 is logic 0, SCON.7 is SM0. It is recommended that SM0 and SM1 (SCON.7:6) are set up when SMOD0 is logic 0. Fig 13. Baud rate sources for UART (Modes 1, 3) baud rate modes 1 and 3 SBRGS = 1 SBRGS = 0 SMOD1 = 0 SMOD1 = 1 timer 1 overflow (PCLK-based) baud rate generator (CCLK-based) 002aaa897 ÷2 |