| 전자부품 데이터시트 검색엔진 |
|
P89LPC9341FDH 데이터시트(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC9341FDH 데이터시트(HTML) 49 Page - NXP Semiconductors |
|
49 / 93 page ![]() P89LPC9331_9341_9351_9361_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 2 June 2009 49 of 93 NXP Semiconductors P89LPC9331/9341/9351/9361 8-bit microcontroller with accelerated two-clock 80C51 core 7.25 SPI The P89LPC9331/9341/9351/9361 provides another high-speed serial communication interface: the SPI interface. SPI is a full-duplex, high-speed, synchronous communication bus with two operation modes: Master mode and Slave mode. Up to 3 Mbit/s can be supported in either Master mode or Slave mode. It has a Transfer Completion Flag and Write Collision Flag Protection. The SPI interface has four pins: SPICLK, MOSI, MISO and SS: • SPICLK, MOSI and MISO are typically tied together between two or more SPI devices. Data flows from master to slave on MOSI (Master Out Slave In) pin and flows from slave to master on MISO (Master In Slave Out) pin. The SPICLK signal is output in the Master mode and is input in the Slave mode. If the SPI system is disabled, i.e., SPEN (SPCTL.6) = 0 (reset value), these pins are configured for port functions. • SS is the optional slave select pin. In a typical configuration, an SPI master asserts one of its port pins to select one SPI device as the current slave. An SPI slave device uses its SS pin to determine whether it is selected. Typical connections are shown in Figure 17 through Figure 19. Fig 16. SPI block diagram 002aaa900 CPU clock DIVIDER BY 4, 16, 64, 128 SELECT CLOCK LOGIC SPI CONTROL REGISTER READ DATA BUFFER 8-BIT SHIFT REGISTER SPI CONTROL SPI STATUS REGISTER SPI clock (master) PIN CONTROL LOGIC S M S M M S MISO P2.3 MOSI P2.2 SPICLK P2.5 SS P2.4 SPI interrupt request internal data bus MSTR SPEN clock |