| 전자부품 데이터시트 검색엔진 |
|
PCA9541APW/03 데이터시트(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541APW/03 데이터시트(HTML) 38 Page - NXP Semiconductors |
|
38 / 41 page ![]() PCA9541A_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 16 July 2009 38 of 41 NXP Semiconductors PCA9541A 2-to-1 I2C-bus master selector with interrupt logic and reset For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 17. Abbreviations MSL: Moisture Sensitivity Level Fig 30. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 20. Abbreviations Acronym Description AI Auto Increment CDM Charged Device Model DUT Device Under Test EEPROM Electrically Erasable Programmable Read-Only Memory ESD ElectroStatic Discharge FRU Field Replaceable Unit HBM Human Body Model I2C-bus Inter Integrated Circuit bus IC Integrated Circuit MM Machine Model POR Power-On Reset RC Resistor-Capacitor network SMBus System Management Bus |