| 전자부품 데이터시트 검색엔진 |
|
MINISMDC150F/24 데이터시트(PDF) 6 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MINISMDC150F/24 데이터시트(HTML) 6 Page - Tyco Electronics |
|
6 / 20 page ![]() 96 RoHS Compliant, ELV Compliant HF Halogen Free 10 femtoSMDC Series Size 1608 mm/0603 mils femtoSMDC005F* 0.05 0.15 15 40 0.50 0.50 0.10 3.80 30.00 S2 femtoSMDC010F* 0.10 0.25 12 40 0.50 0.70 0.10 1.70 8.00 S2 femtoSMDC016F 0.16 0.40 9 40 0.50 1.00 0.10 1.00 4.20 S2 picoSMDC Series Size 2012 mm/0805 mils picoSMDC010S* 0.10 0.30 15 100 0.50 0.50 0.60 1.50 11.00 S2 picoSMDC012S* 0.12 0.30 15 100 0.50 1.00 0.10 1.50 9.00 S2 picoSMDC020S 0.20 0.47 9 100 0.50 2.00 0.10 0.75 3.20 S2 picoSMDC035S 0.35 0.75 6 100 0.50 1.75 0.20 0.35 1.40 S2 picoSMDC075S* 0.75 1.72 6 100 0.60 8.00 0.10 0.10 0.35 S2 picoSMDC100S* 1.00 2.10 6 70 0.60 8.00 0.20 0.06 0.19 S2 nanoSMDC Series Size 3216 mm/1206 mils nanoSMDC012F 0.12 0.39 48 10 0.50 1.00 0.20 1.40 6.50 S2 nanoSMDC016F 0.16 0.45 48 10 0.50 1.00 0.30 1.10 5.00 S2 nanoSMDC020F 0.20 0.42 24 100 0.60 8.00 0.10 0.65 3.10 S2 nanoSMDC035F 0.35 0.75 16 20 0.60 3.50 0.10 0.45 1.35 S2 nanoSMDC050F/13.2 0.50 1.10 13.2 100 0.80 8.00 0.10 0.20 0.75 S2 nanoSMDC075F 0.75 1.50 6 100 0.80 8.00 0.10 0.09 0.30 S2 nanoSMDC110F 1.10 2.20 6 100 0.80 8.00 0.10 0.07 0.20 S2 nanoSMDC150F 1.50 3.00 6 100 0.80 8.00 0.30 0.04 0.11 S2 nanoSMDC200F 2.00 4.00 6 100 1.00 8.00 1.50 0.02 0.072 S2 microSMD Series Size 3225 mm/1210 mils microSMD005F 0.05 0.15 30 10 1.00 0.25 1.50 3.60 50.00 S2 microSMD010F 0.10 0.25 30 10 0.80 0.50 1.00 2.10 15.00 S2 microSMD035F 0.35 0.75 6 40 0.80 8.00 0.20 0.32 1.30 S2 microSMD050F 0.50 1.00 13.2 40 0.80 8.00 0.05 0.25 0.90 S2 microSMD075F 0.75 1.50 6 40 0.80 8.00 0.10 0.11 0.40 S2 microSMD110F 1.10 2.20 6 40 0.80 8.00 0.20 0.07 0.21 S2 microSMD150F 1.50 3.00 6 40 0.80 8.00 1.00 0.04 0.11 S2 microSMD175F 1.75 3.50 6 40 0.80 8.00 0.80 0.025 0.08 S2 microSMD200F 2.00 4.00 6 100 0.80 8.00 2.50 0.020 0.06 S2 miniSMDC Series Size 4532 mm/1812 mils miniSMDC010F 0.10 0.30 60 40 0.75 0.50 5.00 0.70 12.70 S2 miniSMDC014F 0.14 0.28 60 10 0.75 8.00 0.008 1.50 6.00 S2 miniSMDC020F 0.20 0.40 30 10 0.80 8.00 0.02 0.60 3.30 S2 miniSMDC030F 0.30 0.60 30 40 0.80 8.00 0.10 0.20 1.75 S2 miniSMDC050F 0.50 1.00 24 100 0.80 8.00 0.15 0.15 1.00 S2 miniSMDC075F 0.75 1.50 13.2 100 1.00 8.00 0.20 0.11 0.45 S2 miniSMDC075F/24 0.75 1.50 24 40 0.80 8.00 0.30 0.09 0.29 S2 miniSMDC100F 1.10 2.20 8 100 1.20 8.00 0.30 0.04 0.21 S2 miniSMDC110F 1.10 2.20 8 100 1.20 8.00 0.30 0.04 0.21 S2 miniSMDC110F/16 1.10 2.20 16 100 0.80 8.00 0.30 0.06 0.18 S2 miniSMDC110F/24 1.10 2.20 24 20 0.80 8.00 0.50 0.06 0.18 S2 miniSMDC125F 1.25 2.50 6 100 0.80 8.00 0.40 0.05 0.14 S2 miniSMDC125F/16 1.25 2.50 16 100 0.80 8.00 0.40 0.05 0.14 S2 miniSMDC150F 1.50 3.00 6 100 0.80 8.00 0.50 0.04 0.11 S2 miniSMDC150F/12 1.50 2.80 12 100 0.80 8.00 0.50 0.04 0.11 S2 miniSMDC150F/16 1.50 2.80 16 100 0.80 8.00 0.50 0.04 0.11 S2 miniSMDC150F/24 1.50 3.00 24 20 1.00 8.00 1.50 0.04 0.12 S2 miniSMDC160F 1.60 3.20 9 100 0.80 8.00 1.00 0.03 0.10 S2 miniSMDC200F 2.00 4.00 8 100 1.00 8.00 5.00 0.020 0.070 S2 miniSMDC260F 2.60 5.00 6 100 1.00 8.00 5.00 0.015 0.043 S2 miniSMDC260F/12 2.60 5.00 12 100 1.00 8.00 5.00 0.015 0.047 S2 miniSMDC260F/13.2 2.60 5.00 13.2 100 1.20 8.00 5.00 0.015 0.050 S2 miniSMDC260F/16 2.60 5.00 16 100 1.20 8.00 5.00 0.015 0.050 S2 miniSMDC300F 3.00 6.00 6 100 1.00 8.00 5.00 0.011 0.036 S2 * Data is preliminary Part Number IH (A) IT (A) VMAX (VDC) IMAX (A) PD MAX (W) Max. Time-to-Trip (A) (S) RMIN ( Ω) R1MAX ( Ω) Figure for Dimensions Table S3 Electrical Characteristics for Surface-mount Devices at Room Temperature coming soon coming soon NEW coming soon coming soon NEW NEW coming soon coming soon NEW NEW NEW NEW |