전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MINISMDC150F/24 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 MINISMDC150F/24
상세설명  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

MINISMDC150F/24 데이터시트(HTML) 1 Page - Tyco Electronics

  MINISMDC150F/24 Datasheet HTML 1Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 2Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 3Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 4Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 5Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 6Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 7Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 8Page - Tyco Electronics MINISMDC150F/24 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
91
• Smaller size saves board space and cost
• Many product choices give engineers more design
flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications
• RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Broadest range of resettable devices available in the
industry
• Current ratings from 0.05 to 3A
• Voltage ratings from 6V computer and electronic
applications to 60V telecom applications
• Agency recognition: UL, CSA, TÜV
• Small footprint
• Fast time-to-trip
• Low resistance
• Computer
• Portable electronics
• Multimedia
Benefits
Features
Applications
• Game machines
• Telephony and broadband
• Mobile phones
• Automotive
• Industrial controls
• Battery
PolySwitch surface-mount devices are the preferred
circuit protection method for computer, consumer,
multimedia,
portable,
and
automotive
electronics
applications.
In an affort to reduce the size and cost of surface-mount
devices, we introduced the miniSMD product series in
1995.
Subsequently,
we
developed
the
microSMD,
nanoSMD, picoSMD and femtoSMD family of products.
The femtoSMD series reduced the device size to a
1608mm (0603 mils) footprint, one twelfth the size of
the popular miniSMD series.
Recent additions to the PolySwitch surface-mount series
include
3.0A
miniSMD
4532mm
(1812
mils),
2.0A
nanoSMD 3216mm (1206 mils) and 0.16A femtoSMD
1608mm (0603 mils) devices.
PolySwitch Resettable Devices
Surface-mount Devices
10


유사한 부품 번호 - MINISMDC150F/24

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
miniSMDC150F/24 MACOM-miniSMDC150F/24 Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
miniSMDC150F/24 MACOM-miniSMDC150F/24 Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
MINISMDC150F/24 LITTELFUSE-MINISMDC150F/24 Datasheet
308Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
TE Connectivity Ltd
MINISMDC150F/24 TEC-MINISMDC150F/24 Datasheet
308Kb / 20P
Surface-mount Devices
More results

유사한 설명 - MINISMDC150F/24

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
PICOSMD035F MACOM-PICOSMD035F Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com