| 전자부품 데이터시트 검색엔진 |
|
MPC8308VMADDA 데이터시트(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308VMADDA 데이터시트(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0 70 Freescale Semiconductor Package and Pin Listings TSEC1_RXD[2] C21 I NVDDC — TSEC1_RXD[1] C20 I NVDDC — TSEC1_RXD[0] D20 I NVDDC — TSEC1_RX_ER C23 I NVDDC — TSEC1_TX_CLK/TSEC1_GTX_CLK125 E23 I NVDDC — TSEC1_TXD[3]/CFG_RESET_SOURCE[0] F22 I/O NVDDC — TSEC1_TXD[2]/CFG_RESET_SOURCE[1] F21 I/O NVDDC — TSEC1_TXD[1]/CFG_RESET_SOURCE[2] E21 I/O NVDDC — TSEC1_TXD[0]/CFG_RESET_SOURCE[3] D22 I/O NVDDC — TSEC1_TX_EN/LBC_PM_REF_10 F20 O NVDDC — TSEC1_TX_ER/LB_POR_CFG_BOOT_ECC E22 I/O NVDDC 7 Ethernet Mgmt TSEC1_MDC A20 O NVDDB — TSEC1_MDIO C19 I/O NVDDB 2 eSDHC/GTM SD_CLK/GPIO_16 D7 O NVDDA — SD_CMD/GPIO_17 G9 I/O NVDDA — SD_CD/GTM1_TIN1/GPIO_18 A7 I NVDDA — SD_WP/GTM1_TGATE1/GPIO_19 D8 I NVDDA — SD_DAT[0]/GTM1_TOUT1/GPIO_20 C8 I/O NVDDA — SD_DAT[1]/GTM1_TOUT2/GPIO_21 B8 I/O NVDDA — SD_DAT[2]/GTM1_TIN2/GPIO_22 A8 I/O NVDDA — SD_DAT[3]/GTM1_TGATE2/GPIO_23 B9 I/O NVDDA — SPI SPIMOSI/MSRCID4/LSRCID4 AB5 I/O NVDDP_K — SPIMISO/MDVAL/LDVAL Y6 I/O NVDDP_K — SPICLK AA5 I/O NVDDP_K — SPISEL AB4 I NVDDP_K — GPIO/ETSEC2 GPIO[0]/TSEC2_COL G21 I/O NVDDF — GPIO[1]/TSEC2_TX_ER K23 I/O NVDDF — GPIO[2]/TSEC2_GTX_CLK H18 I/O NVDDF — GPIO[3]/TSEC2_RX_CLK G23 I/O NVDDF — Table 53. MPC8308 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |