| 전자부품 데이터시트 검색엔진 |
|
PIC16F707T-E/ML 데이터시트(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707T-E/ML 데이터시트(HTML) 4 Page - Microchip Technology |
|
4 / 284 page ![]() PIC16F707/PIC16LF707 DS41418A-page 4 Preliminary 2010 Microchip Technology Inc. • Synchronous Serial Port (SSP): - SPI (Master/Slave) -I2C™ (Slave) with Address Mask • Voltage Reference module: - Fixed voltage reference (FVR) with 1.024V, 2.048V and 4.096V output levels - 5-bit rail-to-rail resistive DAC with positive reference selection Pin Diagrams Device Program Memory Flash (words) SRAM (bytes) I/Os Capacitive Touch Channels 8-bit A/D (ch) AUSART CCP Timers 8/16-bit PIC16F707 8192 363 36 32 14 Yes 2 4/2 PIC16LF707 8192 363 36 32 14 Yes 2 4/2 40-PIN PDIP 1 2 3 4 5 6 7 8 9 10 VPP/MCLR/RE3 VCAP(3)/SS(2)/AN0/RA0 CPSA0/AN1/RA1 DACOUT/CPSA1/AN2/RA2 CPSA2/VREF/AN3/RA3 TACKI/T0CKI/CPSA3/RA4 VCAP(3)/SS(2)/CPSA4/AN4/RA5 CPSA5/AN5/RE0 CPSA6/AN6/RE1 CPSA7/AN7/RE2 RB6/CPSB14/ICSPCLK RB5/AN13/CPSB13/T1G/T3CKI RB4/AN11/CPSB12 RB3/AN9/CPSB11/CCP2(1) RB2/AN8/CPSB10 RB1/AN10/CPSB9 RB0/AN12/CPSB8/INT VDD VSS RD2/CPSB7 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VDD VSS CLKIN/OSC1/CPSB0/RA7 VCAP(3)/CLKOUT/OSC2/CPSB1/RA6 T1CKI/T1OSO/CPSB2/RC0 CCP2(1)/T1OSI/CPSB3/RC1 TBCKI/CCP1/CPSB4/RC2 SCL/SCK/RC3 T3G/CPSB5/RD0 CPSB6/RD1 RC5/CPSA9/SDO RC4/SDI/SDA RD3/CPSA8 RD4/CPSA12 RC7/CPSA11/RX/DT RC6/CPSA10/TX/CK RD7/CPSA15 RD6/CPSA14 RD5/CPSA13 RB7/CPSB15/ICSPDAT Note 1: CCP2 pin location may be selected as RB3 or RC1. 2: SS pin location may be selected as RA5 or RA0. 3: PIC16F707 only. |