전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F882 데이터시트(PDF) 18 Page - Microchip Technology

부품명 PIC16F882
상세설명  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F882 데이터시트(HTML) 18 Page - Microchip Technology

Back Button PIC16F882_09 Datasheet HTML 14Page - Microchip Technology PIC16F882_09 Datasheet HTML 15Page - Microchip Technology PIC16F882_09 Datasheet HTML 16Page - Microchip Technology PIC16F882_09 Datasheet HTML 17Page - Microchip Technology PIC16F882_09 Datasheet HTML 18Page - Microchip Technology PIC16F882_09 Datasheet HTML 19Page - Microchip Technology PIC16F882_09 Datasheet HTML 20Page - Microchip Technology PIC16F882_09 Datasheet HTML 21Page - Microchip Technology PIC16F882_09 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 16
© 2009 Microchip Technology Inc.
TABLE 1-1:
PIC16F882/883/886 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/ULPWU/C12IN0-
RA0
TTL
CMOS
General purpose I/O.
AN0
AN
A/D Channel 0 input.
ULPWU
AN
Ultra Low-Power Wake-up input.
C12IN0-
AN
Comparator C1 or C2 negative input.
RA1/AN1/C12IN1-
RA1
TTL
CMOS
General purpose I/O.
AN1
AN
A/D Channel 1 input.
C12IN1-
AN
Comparator C1 or C2 negative input.
RA2/AN2/VREF-/CVREF/C2IN+
RA2
TTL
CMOS
General purpose I/O.
AN2
AN
A/D Channel 2.
VREF-
AN
A/D Negative Voltage Reference input.
CVREF
AN
Comparator Voltage Reference output.
C2IN+
AN
Comparator C2 positive input.
RA3/AN3/VREF+/C1IN+
RA3
TTL
General purpose I/O.
AN3
AN
A/D Channel 3.
VREF+
AN
Programming voltage.
C1IN+
AN
Comparator C1 positive input.
RA4/T0CKI/C1OUT
RA4
TTL
CMOS
General purpose I/O.
T0CKI
ST
Timer0 clock input.
C1OUT
CMOS
Comparator C1 output.
RA5/AN4/SS/C2OUT
RA5
TTL
CMOS
General purpose I/O.
AN4
AN
A/D Channel 4.
SS
ST
Slave Select input.
C2OUT
CMOS
Comparator C2 output.
RA6/OSC2/CLKOUT
RA6
TTL
CMOS
General purpose I/O.
OSC2
XTAL
Master Clear with internal pull-up.
CLKOUT
CMOS
FOSC/4 output.
RA7/OSC1/CLKIN
RA7
TTL
CMOS
General purpose I/O.
OSC1
XTAL
Crystal/Resonator.
CLKIN
ST
External clock input/RC oscillator connection.
RB0/AN12/INT
RB0
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN12
AN
A/D Channel 12.
INT
ST
External interrupt.
RB1/AN10/P1C/C12IN3-
RB1
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN10
AN
A/D Channel 10.
P1C
CMOS
PWM output.
C12IN3-
AN
Comparator C1 or C2 negative input.
RB2/AN8/P1B
RB2
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN8
AN
A/D Channel 8.
P1B
CMOS
PWM output.
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com