| 전자부품 데이터시트 검색엔진 |
|
PCM4104IPFBREP 데이터시트(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM4104IPFBREP 데이터시트(HTML) 23 Page - Texas Instruments |
|
23 / 43 page ![]() www.ti.com Slot 1 Slot 2 Slot 3 Slot 4 Ch. 1 Ch. 2 Ch. 3 Ch. 4 In the case of BCK = 96f S, each time slot is 24 bits long and contains the 24−bit audio data for the corresponding channel. In the case of BCK = 128f S, each time slot is 32 bits long and contains the 24−bit audio data for the corresponding channel. The audio data is left justified in the time slot, with the the least significant 8 bits of each time slot being don’t care bits. Audio data is always presented in two’s complement, MSB−first format. LRCK Normal, Zero BCK Delay LRCK Normal, One BCK Delay LRCK Inverted, Zero BCK Delay LRCK Inverted, One BCK Delay DATA0 Supports 4 Channels, or one PCM4104 device. One Frame BCK = 96f S or 128fS (the SUB pin is ignored when using a Short Frame) TDM Data Formats − Short Frame All Sampling Modes Supported LRCK BCK (BCKE = 0) DATA0 t DS t DH t LRBKD t LRCKP t BNF t BKBF One Frame BCK (BCKE = 1) P A R A M E T E R D E S C R IP T IO N M IN M A X U N IT S 1/f BCK 1/f BCK 12 10 10 12 ns ns ns ns ns ns t LRCKP t LRBKD t DS t DH t BNF t BKBF LRCK pulse width LRCK active edge to BCK sampling edge delay Data setup time Data hold time LRCK transition before new frame BCK sampling edge to new frame delay PCM4104-EP SBAS419 – JUNE 2007 Figure 14. TDM Data Formats: Short Frame Figure 15. TDM Timing 23 Submit Documentation Feedback |