전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADT7476AARQZ-R 데이터시트(PDF) 59 Page - ON Semiconductor

부품명 ADT7476AARQZ-R
상세설명  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R 데이터시트(HTML) 59 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 55Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 56Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 57Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 58Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
ADT7476A
http://onsemi.com
59
Table 34. PWM Minimum Duty Cycle Registers
Register Address
R/W (Note 1)
Description
Power−On Default
0x64
R/W
PWM1 minimum duty cycle.
0x80 (50% duty cycle)
0x65
R/W
PWM2 minimum duty cycle.
0x80 (50% duty cycle)
0x66
R/W
PWM3 minimum duty cycle.
0x80 (50% duty cycle)
Bit No.
Name
R/W
Description
[7:0]
PWM duty
cycle
R/W
These bits define the PWMMIN duty cycle for PWMx.
0x00 = 0% duty cycle (fan off).
0x40 = 25% duty cycle.
0x80 = 50% duty cycle.
0xFF = 100% duty cycle (fan full speed).
1. These registers become read-only when the ADT7476A is in automatic fan control mode.
Table 35. TMIN Registers (Note 1)
Register Address
R/W (Note 2)
Description
Power−On Default
0x67
R/W
Remote 1 temperature TMIN.
0x5A (90°C)
0x68
R/W
Local temperature TMIN.
0x5A (90°C)
0x69
R/W
Remote 2 temperature TMIN.
0x5A (90°C)
1. These are the TMIN registers for each temperature channel. When the temperature measured exceeds TMIN, the appropriate fan runs at
minimum speed and increases with temperature according to TRANGE.
2. These registers become read-only when the Configuration Register 1lock bit is set. Any further attempts to write to these registers have no effect.
Table 36. THERM Limit Registers (Note 1)
Register Address
R/W (Note 2)
Description
Power−On Default
0x6A
R/W
Remote 1 THERM temperature limit.
0x64 (100°C)
0x6B
R/W
Local THERM temperature limit.
0x64 (100°C)
0x6C
R/W
Remote 2 THERM temperature limit.
0x64 (100°C)
1. If any temperature measured exceeds its THERM limit, all PWM outputs drive their fans at 100% duty cycle. This is a fail-safe mechanism
incorporated to cool the system in the event of a critical overtemperature. It also ensures some level of cooling in the event that software
or hardware locks up. If set to 0x80, this feature is disabled. The PWM output remains at 100% until the temperature drops below THERM
limit − hysteresis. If the THERM pin is programmed as an output, exceeding these limits by 0.25°C can cause the THERM pin to assert low
as an output.
2. These registers become read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to these registers have
no effect.
Table 37. Temperature/TMIN Hysteresis Registers (Note 1)
Register Address
R/W (Note 2)
Description
Power−On Default
0x6D
R/W
Remote 1 and local temperature hysteresis.
0x44
[3:0]
HYSL
Local temperature hysteresis. 0°C to 15°C of hysteresis
can be applied to the local temperature AFC control
loops.
[7:4]
HYSR1
Remote 1 temperature hysteresis. 0°C to 15°C of hyster-
esis can be applied to the Remote 1 temperature AFC
control loops.
0x6E
R/W
Remote 2 temperature hysteresis.
0x40
0x6E
HYSR2
Local temperature hysteresis. 0°C to 15°C of hysteresis
can be applied to the local temperature AFC control
loops.
1. Each 4-bit value controls the amount of temperature hysteresis applied to a particular temperature channel. Once the temperature for that
channel falls below its TMIN value, the fan remains running at PWMMIN duty cycle until the temperature = TMIN – hysteresis. Up to 15°C of
hysteresis can be assigned to any temperature channel. The hysteresis value chosen also applies to that temperature channel if its THERM
limit is exceeded. The PWM output being controlled goes to 100% if the THERM limit is exceeded and remains at 100% until the temperature
drops below THERM – hysteresis. For acoustic reasons, it is recommended that the hysteresis value not be programmed less than 4°C.
Setting the hysteresis value lower than 4°C causes the fan to switch on and off regularly when the temperature is close to TMIN.
2. These registers become read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to these registers have
no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com