전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADT7476AARQZ-R 데이터시트(PDF) 22 Page - ON Semiconductor

부품명 ADT7476AARQZ-R
상세설명  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R 데이터시트(HTML) 22 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 18Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 19Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 20Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 21Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 22Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 23Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 24Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 25Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
ADT7476A
http://onsemi.com
22
been exceeded, if the THERM function is used.
Alternatively, indicates the status of GPIO6.
Bit 4 (FAN3) = 1, indicates Fan 3 has dropped below
minimum speed.
Bit 3 (FAN2) = 1, indicates Fan 2 has dropped below minimum
speed.
Bit 2 (FAN1) = 1, indicates Fan 1 has dropped below minimum
speed.
Bit 1 (OVT) = 1, indicates a THERM overtemperature limit
has been exceeded.
Bit 0 (12V/VC) = 1, indicates a 12 V high or low limit has
been exceeded. If the VID code change function is used, this
bit indicates a change in VID code on the VID0 to VID4
inputs.
SMBALERT Interrupt Behavior
The ADT7476A can be polled for status, or an
SMBALERT interrupt can be generated for out-of-limit
conditions. It is important to note how the SMBALERT
output and status bits behave when writing interrupt handler
software.
Figure 29. SMBALERT and Status Bit Behavior
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
SMBALERT
Figure 29 shows how the SMBALERT output and sticky
status bits behave. Once a limit is exceeded, the
corresponding status bit is set to 1. The status bit remains set
until the error condition subsides and the status register is
read. The status bits are referred to as sticky because they
remain set until read by software. This ensures that an
out-of-limit event cannot be missed if the software is
periodically polling the device.
Note that:
• The SMBALERT output remains low for the entire
duration that a reading is out-of-limit and until the
status register has been read. This has implications on
how software handles the interrupt.
• THERM overtemperature events are not sticky. They
reset immediately after the overtemperature condition
ceases.
Handling SMBALERT Interrupts
To prevent the system from being tied up servicing
interrupts, it is recommend to handle the SMBALERT
interrupt as follows:
1. Detect the SMBALERT assertion.
2. Enter the interrupt handler.
3. Read the status registers to identify the interrupt
source.
4. Mask the interrupt source by setting the
appropriate mask bit in the interrupt mask registers
(0x74 and 0x75).
5. Take the appropriate action for a given interrupt
source.
6. Exit the interrupt handler.
7. Periodically poll the status registers. If the
interrupt status bit has cleared, reset the
corresponding interrupt mask bit to 0. This causes
the SMBALERT output and status bits to behave
as shown in Figure 30.
Masking Interrupt Sources
Interrupt Mask Register 1 (0x74) and Interrupt Mask
Register 2 (0x75) allow individual interrupt sources to be
masked to prevent SMBALERT interrupts. Note: Masking
an interrupt source prevents only the SMBALERT output
from being asserted; the appropriate status bit is set
normally.
Figure 30. How Masking the Interrupt Source Affects
SMBALERT Output
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
INTERRUPT
MASK BIT SET
SMBALERT
INTERRUPT MASK BIT
CLEARED
(SMBALERT REARMED)
Interrupt Mask Register 1 (0x74)
Bit 7 (OOL) = 1, masks SMBALERT for any alert condition
flagged in Interrupt Status Register 2.
Bit 6 (R2T) = 1, masks SMBALERT for Remote 2 temperature.
Bit 5 (LT) = 1, masks SMBALERT for local temperature.
Bit 4 (R1T) = 1, masks SMBALERT for Remote 1 temperature.
Bit 3 (5.0 V) = 1, masks SMBALERT for 5.0 V channel.
Bit 2 (VCC) = 1, masks SMBALERT for VCC channel.
Bit 1 (VCCP) = 1, masks SMBALERT for VCCP channel.
Bit 0 (2.5V) = 1, masks SMBALERT for 2.5VIN/ THERM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com