전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1293 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1293 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1289Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1290Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1291Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1292Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1293Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1294Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1295Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1296Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1297Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1293 / 1348 page
background image
Appendix C Recommended PCB Layout
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1295
Table C-1. Recommended Decoupling Capacitor Choice
Component
Purpose
Type
Value
C1
VDD1 filter capacitor
Ceramic
220 nF
C2
VDD2 filter capacitor
Ceramic X7R
220 nF
C3
VDDA filter capacitor
Ceramic X7R
>=100 nF
C4
VDDR filter capacitor
X7R/tantalum
>=100 nF
C5
VDDPLL filter capacitor
Ceramic X7R
220 nF
C6
VDDX filter capacitor
X7R/tantalum
>=100 nF
C7
OSC load capacitor
Comes from crystal manufacturer
C8
OSC load capacitor
C9
PLL loop filter capacitor
See PLL specification chapter
C10
PLL loop filter capacitor
C11
VDDX filter capacitor
X7R/tantalum
>=100 nF
C12
VDDX filter capacitor
X7R/tantalum
>=100 nF
R1
PLL loop filter resistor
See PLL specification chapter
Q1
Quartz
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com