전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CALR 데이터시트(PDF) 216 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CALR 데이터시트(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CALR Datasheet HTML 212Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 213Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 214Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 215Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 216Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 217Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 218Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 219Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
216
Freescale Semiconductor
Operation
RS1 + RS2 + C
⇒ RD
Adds the content of register RS1, the content of register RS2 and the value of the Carry bit using binary
addition and stores the result in the destination register RD. The Zero Flag is also carried forward from the
previous operation allowing 32 and more bit additions.
Example:
ADC
R6,R2,R2
ADC
R7,R3,R3 ; R7:R6 = R5:R4 + R3:R2
BCC
; conditional branch on 32 bit addition
CCR Effects
Code and CPU Cycles
ADC
Add with Carry
ADC
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000 and Z was set before this operation; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RS1[15] & RS2[15] & RD[15]new | RS1[15] & RS2[15] & RD[15]new
C:
Set if there is a carry from bit 15 of the result; cleared otherwise.
RS1[15] & RS2[15] | RS1[15] & RD[15]new | RS2[15] & RD[15]new
Source Form
Address
Mode
Machine Code
Cycles
ADC RD, RS1, RS2
TRI
0
0
0
1
1
RD
RS1
RS2
1
1
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More