전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CALR 데이터시트(PDF) 217 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CALR 데이터시트(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CALR Datasheet HTML 213Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 214Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 215Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 216Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 217Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 218Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 219Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 220Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
217
Operation
RS1 + RS2
⇒ RD
RD
+ IMM16 ⇒ RD (translates to ADDL RD, #IMM16[7:0]; ADDH RD, #[15:8])
Performs a 16 bit addition and stores the result in the destination register RD.
CCR Effects
Code and CPU Cycles
ADD
Add without Carry
ADD
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RS1[15] & RS2[15] & RD[15]new | RS1[15] & RS2[15] & RD[15]new
Refer to ADDH instruction for #IMM16 operations.
C:
Set if there is a carry from bit 15 of the result; cleared otherwise.
RS1[15] & RS2[15] | RS1[15] & RD[15]new | RS2[15] & RD[15]new
Refer to ADDH instruction for #IMM16 operations.
Source Form
Address
Mode
Machine Code
Cycles
ADD RD, RS1, RS2
TRI
0
0
0
1
1
RD
RS1
RS2
1
0
P
ADD RD, #IMM16
IMM8
1
1
1
0
0
RD
IMM16[7:0]
P
IMM8
1
1
1
0
1
RD
IMM16[15:8]
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More